công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD32H757VMT7 bảng dữ liệu(PDF) 47 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD32H757VMT7
Giải thích chi tiết về linh kiện  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 bảng dữ liệu(HTML) 47 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 151 page
background image
GD32H757xx Datasheet
46
BGA100
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
VBAT
B2
P
-
Default: VBAT
PC13
A2
I/O
Default: PC13
Alternate: EVENTOUT
Additional: RTC_TAMP0, RTC_TS, WKUP3, RTC_OUT
PC14-
OSC32IN
A1
I/O
Default: PC14
Alternate: EVENTOUT
Additional: OSC32IN
PC15-
OSC32OU
T
B1
I/O
Default: PC15
Alternate: EVENTOUT
Additional: OSC32OUT
PH0-
OSCIN
C1
I/O
Default: PH0
Alternate: EVENTOUT
Additional: OSCIN
PH1-
OSCOUT
D1
I/O
Default: PH1
Alternate: EVENTOUT
Additional: OSCOUT
NRST
E1
-
-
Default: NRST
PC0
F1
I/O
Default: PC0
Alternate: EXMC_D12, HPDF_CKIN0, HPDF_DATAIN4,
TIMER40_CH0, SAI1_FS1, EXMC_A25,
USBHS0_ULPI_STP, TLI_G2, EXMC_SDNWE,
TRIGSEL_IN8, TLI_R5, EVENTOUT
Additional: ADC012_IN10
PC1
F2
I/O
Default: PC1
Alternate: TRACED0, SAI0_DAT0, HPDF_DATAIN0,
HPDF_CKIN4, SPI1_MOSI, I2S1_SD, SAI0_SD0,
TIMER40_MCH0, SDIO1_CK, OSPIM_P0_IO4, ETH0_MDC,
MDIO_MDC, TRIGSEL_IN9, TLI_G5, EVENTOUT
Additional: ADC012_IN11, RTC_TAMP2, WKUP5
PC2_C
E2
I/O
Default: PC2_C(4)
Additional: ADC2_IN0
PC3_C
F3
I/O
Default: PC3_C(4)
Additional: ADC2_IN1
VDD
K1
P
-
Default: VDD
VSS
J1
P
-
Default: VSS
VSSA
G1
P
-
Default: VSSA
VDDA
H1
P
-
Default: VDDA
PA0
G2
I/O
Default: PA0
Alternate: TIMER1_CH0, TIMER1_ETI, TIMER4_CH0,
TIMER7_ETI, TIMER14_BRKIN0, SPI5_NSS, I2S5_WS,
OSPIM_P0_IO6, USART1_CTS, UART3_TX, SDIO1_CMD,
SAI1_SD1, EXMC_A19, TRIGSEL_IN0, EVENTOUT
Additional: ADC0_IN16, WKUP0
PA1
H2
I/O
Default: PA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More