công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5802PWPR bảng dữ liệu(PDF) 70 Page - Texas Instruments

tên linh kiện TAS5802PWPR
Giải thích chi tiết về linh kiện  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR bảng dữ liệu(HTML) 70 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 66Page - Texas Instruments TAS5802PWPR Datasheet HTML 67Page - Texas Instruments TAS5802PWPR Datasheet HTML 68Page - Texas Instruments TAS5802PWPR Datasheet HTML 69Page - Texas Instruments TAS5802PWPR Datasheet HTML 70Page - Texas Instruments TAS5802PWPR Datasheet HTML 71Page - Texas Instruments TAS5802PWPR Datasheet HTML 72Page - Texas Instruments TAS5802PWPR Datasheet HTML 73Page - Texas Instruments TAS5802PWPR Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 106 page
background image
7.1.30 RAMP_PHASE_CTRL Register (Offset = 6Ah) [Reset = 00h]
RAMP_PHASE_CTRL is shown in Figure 7-30 and described in Table 7-32.
Return to the Summary Table.
Switching clock phase control
Figure 7-30. RAMP_PHASE_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
RAMPPHASE_SEL
I2S_SYNC_EN PHASE_SYNC
_EN
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 7-32. RAMP_PHASE_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0h
3-2
RAMPPHASE_SEL
R/W
0h
Select ramp clock phase when multi devices are integrated in
one system to reduce EMI and peak supply peak current, it is
recomended set all devices the same RAMP frequency and same
spread spectrum. it must be set before driving device into PLAY
mode if this feature is needed.
00: 0 degree
01: 45 degree
10: 90 degree
11: 135 degree
all of above have a 45 degree of phase shift
1
I2S_SYNC_EN
R/W
0h
Use I2S to synchronize output PWM phase
0: Disable
1: Enable
0
PHASE_SYNC_EN
R/W
0h
0: RAMP phase sync disable
1: RAMP phase sync enable
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
70
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com