công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5802PWPR bảng dữ liệu(PDF) 54 Page - Texas Instruments

tên linh kiện TAS5802PWPR
Giải thích chi tiết về linh kiện  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR bảng dữ liệu(HTML) 54 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 50Page - Texas Instruments TAS5802PWPR Datasheet HTML 51Page - Texas Instruments TAS5802PWPR Datasheet HTML 52Page - Texas Instruments TAS5802PWPR Datasheet HTML 53Page - Texas Instruments TAS5802PWPR Datasheet HTML 54Page - Texas Instruments TAS5802PWPR Datasheet HTML 55Page - Texas Instruments TAS5802PWPR Datasheet HTML 56Page - Texas Instruments TAS5802PWPR Datasheet HTML 57Page - Texas Instruments TAS5802PWPR Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 106 page
background image
7.1.14 CLKDET_STATUS Register (Offset = 39h) [Reset = 00h]
CLKDET_STATUS is shown in Figure 7-14 and described in Table 7-16.
Return to the Summary Table.
Clock detection status
Figure 7-14. CLKDET_STATUS Register
7
6
5
4
3
2
1
0
RESERVED
BCLK_OVERR
ATE
PLL_OVERRAT
E
PLL_LOCKED
BCLK_MISSIN
G
BCLK_VALID
FS_VALID
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
Table 7-16. CLKDET_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R
0h
5
BCLK_OVERRATE
R
0h
This bit indicates whether the BCLK is overrate or underrate.
0: BCLK is underrate
1: BCLK is overrate
4
PLL_OVERRATE
R
0h
This bit indicates whether the PLL is overrate or not.
0: PLL is underrate
1: PLL is overrate
3
PLL_LOCKED
R
0h
This bit indicates whether the PLL is locked or not. The PLL will be
reported as unlocked when it is disabled.
0: PLL is locked
1: PLL is not locked
2
BCLK_MISSING
R
0h
This bit indicates whether the BCLK is missing or not.
0: BCLK is normal
1: BCLK is missing
1
BCLK_VALID
R
0h
This bit indicates whether the BCLK is valid or not. The BCLK ratio
must be stable and in the range of 32-512FS to be valid.
0: BCLK is valid
1: BCLK is not valid
0
FS_VALID
R
0h
In auto detection mode(reg_fsmode=0),this bit indicated whether
the audio sampling rate is valid. In non auto detection
mode(reg_fsmode!=0), FS error indicates that configured sampling
frequency set by LRCLK(FS) is different with detected sampling
frequency. Even if FS Error Detection Ignore is set, this flag will be
also asserted.
0: Sampling rate is valid
1: Not valid
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
54
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com