công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5802PWPR bảng dữ liệu(PDF) 28 Page - Texas Instruments

tên linh kiện TAS5802PWPR
Giải thích chi tiết về linh kiện  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 24Page - Texas Instruments TAS5802PWPR Datasheet HTML 25Page - Texas Instruments TAS5802PWPR Datasheet HTML 26Page - Texas Instruments TAS5802PWPR Datasheet HTML 27Page - Texas Instruments TAS5802PWPR Datasheet HTML 28Page - Texas Instruments TAS5802PWPR Datasheet HTML 29Page - Texas Instruments TAS5802PWPR Datasheet HTML 30Page - Texas Instruments TAS5802PWPR Datasheet HTML 31Page - Texas Instruments TAS5802PWPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 106 page
background image
6.4 Device Functional Modes
6.4.1 Software Control
The TAS5802 device is configured via an I2 C communication port.
The I2C Communication Protocol is detailed in the I2C Communication Port section. The I2C timing requirements
are described in the I2C Bus Timing – Standard and I2C Bus Timing – Fast sections.
6.4.2 Speaker Amplifier Operating Modes
The TAS5802 device can only be configured in BTL Mode.
6.4.2.1 BTL Mode
In BTL mode, the TAS5802 amplifies two independent signals, which represent the left and right portions of a
stereo signal. The amplified left signal is presented on differential output pair shown as OUT_A+ and OUT_A-,
the amplified right signal is presented on differential output pair shown as OUT_B+ and OUT_B-.
6.4.3 Low EMI Modes
TAS5802 employs several modes to minimize EMI during playing audio, and they can be used based on
different applications.
6.4.3.1 Spread Spectrum
Spread spectrum is used in some inductor free case to minimize EMI noise. The TAS5802 supports Spread
Spectrum with triangle mode.
User needs to configure register RAMP_SS_CTRL0 (0x6B) to enable Spread Spectrum with triangle mode, and
select spread spectrum frequency and range with RAMP_SS_CTRL1 (0x6C). For 384kHz FSW which configured
by DEVICE_CTRL1 (0x02), the Spread Spectrum frequency and range are described in Table 6-4
Table 6-4. Triangle Mode Spread Spectrum Frequency and Range Selection
TRI_CTRL[3
:0]
0
1
2
3
4
5
6
7
Triangle
Freq
24k
48k
Spread
Spectrum
Range
5%
10%
20%
25%
5%
10%
20%
25%
User Application example-Central Switching Frequency is 384kHz, Triangle Frequency is 24kHz:
w A8 6B 01 //RAMP_SS_CTRL0[0]=1, Enable Triangle Spread Spectrum
w A8 6C 03 //RAMP_SS_CTRL1[3:0]=0011, Triangle Frequency = 24kHz, Spread Spectrum Range should be
25% (336kHz~432kHz)
6.4.3.2 Channel to Channel Phase Shift
This device supports channel to channel 180-degree PWM phase shift to minimize the EMI.
6.4.3.3 Multi-Devices PWM Phase Synchronization
This device supports up to 4 phase selections for multiple device application systems. For example, when a
system integrated 4 pieces of TAS5802 devices, user can select phase 0/1/2/3 for each device with register
RAMP_PHASE_CTRL (0x6A), which means there is a 45-degree phase shift between each device to minimize
the EMI.
Recommend to do the Phase Synchronization with I2S clock during the Startup Phase:
1. Halt I2S clock.
2. Configure each device phase selection and enable the phase synchronization. For example: Register 0x6A
= 0x00 for device 0; Register 0x6A = 0x03 for device 1; Register 0x6A = 0x08 for device 2; Register 0x6A =
0x0C for device 3. There should be a 45-degree PWM phase shift between each device to minimize the EMI.
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com