công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XC9281B3FD bảng dữ liệu(PDF) 16 Page - Torex Semiconductor

tên linh kiện XC9281B3FD
Giải thích chi tiết về linh kiện  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOREX [Torex Semiconductor]
Trang chủ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9281B3FD bảng dữ liệu(HTML) 16 Page - Torex Semiconductor

Back Button XC9281B3FD Datasheet HTML 12Page - Torex Semiconductor XC9281B3FD Datasheet HTML 13Page - Torex Semiconductor XC9281B3FD Datasheet HTML 14Page - Torex Semiconductor XC9281B3FD Datasheet HTML 15Page - Torex Semiconductor XC9281B3FD Datasheet HTML 16Page - Torex Semiconductor XC9281B3FD Datasheet HTML 17Page - Torex Semiconductor XC9281B3FD Datasheet HTML 18Page - Torex Semiconductor XC9281B3FD Datasheet HTML 19Page - Torex Semiconductor XC9281B3FD Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
16/30
XC9281/XC9282 Series
■NOTE ON USE (Continued)
11) In the XC9282 series, decrease of the output voltage, as mentioned in the “NOTE ON USE (10)”, can occur periodically in the
vicinity of 100% Duty cycle mode switching point in the heavy load region and can increase the ripple voltage.
Please use the XC9281 series when you see the output voltage fluctuation as important.
(See diagram below.)
12) Torex places an importance on improving our products and their reliability. We request that users incorporate fail-safe
designs and post-aging protection treatment when using Torex products in their systems.
13) Instructions of pattern layouts
(1) If the wiring impedance is high, noise wraparound due to the output current and phase deviation are likely to occur, and the
operation might become unstable. Please mount peripheral parts as close to IC as possible.
(2) In order to stabilize VIN pin voltage level, we recommend that a by-pass capacitor (CIN) be connected as close as possible to
the VIN pin, GND pin.
(3) Wire external components as close to the IC as possible and use thick, short connecting traces to reduce the circuit
impedance.
(4) Fluctuations in the GND potential due to the GND current during switching might cause the IC operation to become unstable.
Please strengthen the GND wiring sufficiently.
(5)
This series’ internal driver transistors bring on heat because of the output current and ON resistance of Pch and Nch MOS
driver transistors. Please consider the countermeasures against heat if necessary.
<Conditions>
XC9282B12D (VOUT=1.2V, fOSC=4MHz)
Ta=25℃, VIN=2.5V, Iout=500mA
L: 1.0
μH (MCEE1005T1R0MHN)
CIN: 4.7
μF (GRM035R60J475ME15)
CL: 4.7
μF (GRM035R60J475ME15)
Fig Unstable operation in heavy load
Lx:5V/div
1
μs/div
V
OUT:50mV/div
Lx:5V/div
V
OUT:50mV/div
5
μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com