công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XC9281B3FD bảng dữ liệu(PDF) 14 Page - Torex Semiconductor

tên linh kiện XC9281B3FD
Giải thích chi tiết về linh kiện  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOREX [Torex Semiconductor]
Trang chủ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9281B3FD bảng dữ liệu(HTML) 14 Page - Torex Semiconductor

Back Button XC9281B3FD Datasheet HTML 10Page - Torex Semiconductor XC9281B3FD Datasheet HTML 11Page - Torex Semiconductor XC9281B3FD Datasheet HTML 12Page - Torex Semiconductor XC9281B3FD Datasheet HTML 13Page - Torex Semiconductor XC9281B3FD Datasheet HTML 14Page - Torex Semiconductor XC9281B3FD Datasheet HTML 15Page - Torex Semiconductor XC9281B3FD Datasheet HTML 16Page - Torex Semiconductor XC9281B3FD Datasheet HTML 17Page - Torex Semiconductor XC9281B3FD Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
14/30
XC9281/XC9282 Series
■OPERATIONAL EXPLANATION(Continued)
<Current Limit>
The current limit function monitors a current flowing through Pch MOS driver transistor and Nch MOS driver transistor and limits
the current. The operation at overcurrent is as follows.
1) When the current flowing through the Pch MOS driver transistor increases and reaches the current limit value ILIMH=1000mA
(TYP.), the current limit state is set and the Pch MOS driver transistor is forcibly turned off.
2) The Nch MOS driver transistor turns on after turning off the Pch MOS driver transistor by the current limit function. The Pch
MOS driver transistor is prohibited to turn on until the current value flowing through the Nch MOS driver transistor drops to
ILIML=800mA (TYP.).
3) Repeat the operations 1) and 2) during the current limit state.
4) When the current limit state is canceled, it automatically returns to normal operation.
ILIMH
LIML
ILX
0A
Curren t Limit State
I
VLX
0V
VOUT
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com