công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E2211005VBW bảng dữ liệu(PDF) 12 Page - Texas Instruments

tên linh kiện TUSB2E2211005VBW
Giải thích chi tiết về linh kiện  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBW bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button TUSB2E2211005VBW Datasheet HTML 8Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 9Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 10Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 11Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 12Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 13Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 14Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 15Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
EQ0, EQ1, EQ2/INT, push-pull I/O mode
(IOH = 20µA and maximum 3pF Cload)
(1.8V output mode)
1.21
V
VOL
Low level output voltage
EQ0, EQ1, EQ2/INT, push-pull I/O mode
(IOL = 1mA) (1.2V output mode)
0.25
V
VOL
Low level output voltage
EQ0, EQ1, EQ2/INT, push-pull I/O mode
(IOL = 1mA) (1.8V output mode)
0.35
V
IOL_PP
Low level output current in push-pull
mode
EQ0, EQ1, EQ2/INT (1.2V mode)
VIOSEL=GND, VOL=0.4
2.5
4
6
mA
IOL_PP
Low level output current in push-pull
mode
EQ0, EQ1, EQ2/INT (1.8V mode)
VIOSEL=VDD1V8, VOL=0.4
4
6
8
mA
IOH_PP
High level output current in push-pull
mode
EQ0, EQ1, EQ2/INT, push-pull I/O mode
(1.2V output mode) VIOSEL=GND
22
µA
IOH_PP
High level output current in push-pull
mode
EQ0, EQ1, EQ2/INT, push-
pull I/O mode (1.8V output
mode) VIOSEL=VDD1V8
50
µA
IOL
Output current in open-drain mode
EQ0, EQ1, EQ2/INT, VOL=0.4V,
VIOSEL=VDD1V8, 1.8V mode
4
10
16
mA
IOL
Output current in open-drain mode
EQ0, EQ1, EQ2/INT, VOL=0.4V,
VIOSEL=GND, 1.2V mode
4
9.2
16
mA
I2C (SDA, SCL)
VIL
Low level input voltage, VIOSEL=VSS
SDA, SCL, V_I2C_Pullup = 1.08V to 1.32V
0.387
V
VIL
Low level input voltage,
VIOSEL=VDD1V8
SDA, SCL, V_I2C_Pullup = 1.62V to 1.96V
0.588
V
VIH
High level output voltage, VIOSEL=VSS SDA, SCL, V_I2C_Pullup = 1.08V to 1.32V
0.833
V
VIH
High level output voltage,
VIOSEL=VDD1V8
SDA, SCL, V_I2C_Pullup = 1.62V to 1.98V
1.372
V
VHYS
Input hysteresis, VIOSEL=VSS
V_I2C_Pullup = 1.08V to 1.32V
0.020
V
VHYS
Input hysteresis, VIOSEL=VDD1V8
V_I2C_Pullup = 1.62V to 1.98V
0.098
V
IIH
High level input leakage current
VIH = 1.98V
0.5
µA
IIL
Low level input leakage current
VIL = 0V
0.5
µA
IOL
Open-drain drive strength
VOL = 0.4V, VIOSEL = VDD1V8, 1.8V
mode
8
10
12.6
mA
IOL
Open-drain drive strength
VOL = 0.4V, VIOSEL= GND, 1.2V mode
6.8
9
11.9
mA
USBA (DPA, DNA), USBB (DPB, DNB)
Zinp_Dx
Impedance to GND, no pull up/down
Vin=3.6V, VDD3V3=3.0V USB 2.0 Spec
Section 7.1.6 (1)
390
kΩ
CIO_Dx
Capacitance to GND
Measured with VNA at 240MHz, Driver
Hi-Z
10
pF
RPUI
Bus pullup resistor on upstream facing
port (idle)
USB 2.0 Spec Section 7.1.5 (1)
0.92
1.1
1.475
kΩ
RPUR
Bus pullup resistor on upstream facing
port (receiving)
USB 2.0 Spec Section 7.1.5 (1)
1.525
2.2
2.99
kΩ
RPD
Bus pull-down resistor on downstream
facing port
USB 2.0 Spec Section 7.1.5 (1)
14.35
19
24.6
kΩ
VHSTERM
Termination voltage in high speed
USB 2.0 Spec Section 7.1.6.2 (1), The
output voltage in the high-speed idle
state
–10
10
mV
USB TERMINATION
ZHSTERM_P
Driver output resistance (which also
serves as high speed termination)
(VOH= 0 to 600mV) USB 2.0
Spec Section 7.1.1.1 (1), Default,
U_HS_TERM_Px Setting 01
40.6
45
49.4
Ω
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com