công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E2211005VBW bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện TUSB2E2211005VBW
Giải thích chi tiết về linh kiện  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBW bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button TUSB2E2211005VBW Datasheet HTML 18Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 19Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 20Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 21Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 22Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 23Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 24Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 25Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
8 Detailed Description
8.1 Overview
The TUSB2E221 is a dual eUSB2 to USB 2.0 repeater that resides between SoC with one or two eUSB2 port
and an external connector that supports USB 2.0. Each repeater is independently configurable as either a host
or device repeater (DRD repeater).
The USB 2.0 ports A and B can be swapped by an internal crossbar switch by configuring CROSS pin at reset.
The CROSS pin is ignored after power up reset.
8.2 Functional Block Diagram
VDD3V3
Config & Control
Registers (I2C)
GND
RESETB
SCL
SDA
VDD1V8
Reference System
IREF
Bandgap
PoR
Internal
Oscillator
Clock & Reset
LDOs
Power System
Common Module
eDP0
USB/eUSB2 Translator &
State Machine
USB/eUSB2 Translator &
State Machine
eDN0
DPA
DNA
DNB
DPB
2x2
CrossPoint
Mux
eDN1
eDP1
CROSS
PHY CONFIG/GPIO
EQ0
EQ1
EQ2/INT
LDOs
Power System
VIOSEL
eUSB0
eUSB1
USBA
USBB
OTP
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com