công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E2211005VBW bảng dữ liệu(PDF) 33 Page - Texas Instruments

tên linh kiện TUSB2E2211005VBW
Giải thích chi tiết về linh kiện  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBW bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button TUSB2E2211005VBW Datasheet HTML 29Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 30Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 31Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 32Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 33Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 34Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 35Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 36Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
Table 9-3. GPIO0_CONFIG Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3-0
GPIO0_OUTPUT_SELEC
T
R/W
0h
GPIO0 Output Selection
0h = Remote Wakeup - host repeater is receiving remote wake but
has not seen start of resume
1h = USB disconnect - host repeater is actively forwarding LS/FS
disconnect.
2h = USB_HS_Unsquelched - host repeater in L0 seeing USB HS or
in reset seeing Chirp
3h = PVTB - HOST repeater is actively transmitting ESE1 due to HS
disconnect.
4h = DEFAULT - waiting to be configured host/peripheral
5h = HOST - in host repeater mode
6h = PERIPHERAL - in peripheral repeater mode
7h = CONNECTED - repeater is connected, connection seen
acknowledged by start of reset
8h = RESET - reset in progress, reset is detected is high, L0 is low
9h = L0 - fully configured and repeating data, keep-alive and reset/
disconnect
Ah = L1 -device has received CM.FS/CM.L1,has stopped repeating
and is waiting for wake/resume
Bh = L2 - device has received CM.L2, has stopped repeating and is
waiting for wake/resume.
Ch = GPIO0_HS_TEST - in host repeater in L0 mode, received
CM.TEST
Dh = HIGH_OUTPUT - output is forced static high
Eh = LOW_OUTPUT - output is forced static low
Fh = OVP - over voltage (DP/DN voltage > VOVP_TH) detected on
the USB DP/DN
9.1.2 LOPWR_N_UART_P0 Register (Offset = 10h) [Reset = 50h]
LOPWR_N_UART_P0 is shown in Table 9-4.
Return to the Summary Table.
Table 9-4. LOPWR_N_UART_P0 Register Field Descriptions
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
7
RESERVED
R
0h
Reserved
6
HOST_FRAME_LP_EN
_P0
RH/W
1h
Y
Host repeater frame-based Low Power enable
Default through OTP
0h = Not Enabled
1h = Enabled
5
DEVICE_FRAME_LP_E
N_P0
RH/W
0h
Y
Peripheral repeater frame-based Low Power enable
Default through OTP
0h = Not Enabled
1h = Enabled
4
IDLE_LP_EN_P0
RH/W
1h
Y
enable response-based Low Power mode
Default through OTP
0h = Not Enabled
1h = Enabled
3
UART_GPI_POLARITY
_P0
RH/W
0h
Y
Select polarity of pin to enable UART mode
Default through OTP
0h = GPIO0 pin enables UART mode when 1
1h = GPIO0 pin enables UART mode when 0
2
UART_DP_PU_EN_P0 RH/W
0h
Y
Select whether DP pullup is enabled during UART mode
Default through OTP
0h = disable DP pullup during UART mode
1h = enable DP pullup during UART mode
www.ti.com
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com