công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E2211005VBW bảng dữ liệu(PDF) 48 Page - Texas Instruments

tên linh kiện TUSB2E2211005VBW
Giải thích chi tiết về linh kiện  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBW bảng dữ liệu(HTML) 48 Page - Texas Instruments

Back Button TUSB2E2211005VBW Datasheet HTML 44Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 45Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 46Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 47Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 48Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 49Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 50Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 51Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
Return to the Summary Table.
Table 9-26. GLOBAL_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SOFT_RST
WtoPH
0h
Writing a 1 to this field is equivalent to pulsing RESETB low
6
DISABLE_P1
R/W
0h
Disabled Mode Repeater 1 (I2C remains Active)
(If port is not disconnected, wait until disconnect event to disable the
repeater)
0h = Repeater Enabled
1h = Repeater Disabled
5
DISABLE_P0
R/W
0h
Disabled Mode Repeater 0 (I2C remains Active)
(If port is not disconnected, wait until disconnect event to disable the
repeater)
0h = Repeater Enabled
1h = Repeater Disabled
4
INT_OUT_TYPE
R/W
0h
INT Output Type
INT output drive strength in open-drain mode is the same as GPIO
setting
0h = Open Drain
1h = push pull
3
INT_POLARITY
R/W
0h
INT pin polarity in push-pull mode only (open-drain mode is always
Active low)
0h = Active High (only for push-pull)
1h = Active Low (only for push-pull, open-drain is always active low)
2
RESERVED
R/W
0h
Reserved
1-0
RESERVED
R
0h
Reserved
9.1.25 INT_ENABLE_1 Register (Offset = B3h) [Reset = 00h]
INT_ENABLE_1 is shown in Table 9-27.
Return to the Summary Table.
Table 9-27. INT_ENABLE_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
GPIO1_RISING_EDGE
R/W
0h
INT_GPIO1_RISING_EDGE enable.
When GPIO1_IN_TRIGGER_TYPE = 0 (Edge), this enables interrupt
on Rising Edge of GPIO1.
When GPIO1_IN_TRIGGER_TYPE = 1 (Level), this enables
Interrupt when GPIO1 = High.
0h = Not Enabled
1h = Enabled
6
GPIO1_FALLING_EDGE
R/W
0h
INT_GPIO1_FALLING_EDGE enable.
When GPIO1_IN_TRIGGER_TYPE = 0 (Edge), this enables interrupt
on Falling Edge of GPIO1.
When GPIO1_IN_TRIGGER_TYPE = 1 (Level), this enables
Interrupt when GPIO1 = Low.
0h = Not Enabled
1h = Enabled
5
GPIO0_RISING_EDGE
R/W
0h
INT_GPIO0_RISING_EDGE enable.
When GPIO0_IN_TRIGGER_TYPE = 0 (Edge), this enables interrupt
on Rising Edge of GPIO0.
When GPIO0_IN_TRIGGER_TYPE = 1 (Level), this enables
Interrupt when GPIO0 = High.
0h = Not Enabled
1h = Enabled
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com