công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D950-CORE bảng dữ liệu(PDF) 45 Page - STMicroelectronics

tên linh kiện D950-CORE
Giải thích chi tiết về linh kiện  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE bảng dữ liệu(HTML) 45 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 41Page - STMicroelectronics D950-CORE Datasheet HTML 42Page - STMicroelectronics D950-CORE Datasheet HTML 43Page - STMicroelectronics D950-CORE Datasheet HTML 44Page - STMicroelectronics D950-CORE Datasheet HTML 45Page - STMicroelectronics D950-CORE Datasheet HTML 46Page - STMicroelectronics D950-CORE Datasheet HTML 47Page - STMicroelectronics D950-CORE Datasheet HTML 48Page - STMicroelectronics D950-CORE Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
45/89
D950-Core
5.4.2 ALU Instructions
One-word Operand (oper_1)
CLR
Clear Accumulator (AiE:AiH:AiL = 0)
CLRH
Clear 24 MSBs of Accumulator (AiE:AiH = 0)
CLRL
Clear 16 LSBs of Accumulator (AiL = 0)
CLRE
Clear 8 Extension bits of Accumulator (AiE = 0)
SET
Set Accumulator (AiE:AiH:AiL = 0xFF FFFF FFFF)
SETH
Set 24 MSBs of Accumulator (AiE:AiH = 0xFF FFFF)
SETL
Set 16 LSBs of Accumulator (AiL = 0xFFFF)
SEXT
Accumulator is sign extended (AiE loaded with 8 times the MSB of AiH:AiL)
ROUND
Rounds the 40-bit accumulator value
Figure 5.5
ALU One-word Operand
Note:
value=1...32 for ASR, value=0...32 for ROL,
value=1...32 for LSR and value=0...31 for ASL
*AXm + IXs= AkH
*AYn + IYr= AkH
Ai = Lj ASR #value
Rj LSR
Aj ROL
P ASL
,
Ai = oper_1 Ai
VR02018D
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89