| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC32RF44IRMPR bảng dữ liệu(PDF) 131 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC32RF44IRMPR bảng dữ liệu(HTML) 131 Page - Texas Instruments |
|
131 / 135 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 15-Jul-2025 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) ADC32RF44IRMP RMP VQFNP 72 168 8 X 21 150 315 135.9 7620 14.65 11 11.95 ADC32RF44IRMP.A RMP VQFNP 72 168 8 X 21 150 315 135.9 7620 14.65 11 11.95 ADC32RF44IRMPG4 RMP VQFNP 72 168 8 X 21 150 315 135.9 7620 14.65 11 11.95 ADC32RF44IRMPG4.A RMP VQFNP 72 168 8 X 21 150 315 135.9 7620 14.65 11 11.95 Pack Materials-Page 3 |