công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC32RF44IRMPR bảng dữ liệu(PDF) 15 Page - Texas Instruments

tên linh kiện ADC32RF44IRMPR
Giải thích chi tiết về linh kiện  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 11Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 12Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 13Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 14Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 15Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 16Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 17Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 18Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 135 page
background image
Temperature (°C)
-40
-15
10
35
60
85
56
57
58
59
60
61
D021
D023
DVDD = 1.1 V
DVDD = 1.15 V
DVDD = 1.2 V
Temperature (°C)
-40
-15
10
35
60
85
60
62
64
66
68
70
D024
DVDD = 1.1 V
DVDD = 1.15 V
DVDD = 1.2 V
Temperature (°C)
-40
-15
10
35
60
85
52
53
54
55
56
57
D021
AVDD = 1.1 V
AVDD = 1.15 V
AVDD = 1.2 V
AVDD = 1.25 V
Temperature (°C)
-40
-15
10
35
60
85
55
57
59
61
63
65
D022
AVDD = 1.1 V
AVDD = 1.15 V
AVDD = 1.2 V
AVDD = 1 .25 V
Temperature (°C)
-40
-15
10
35
60
85
53
55
57
59
61
63
D019
AVDD = 1.1 V
AVDD = 1.15 V
AVDD = 1.2 V
AVDD = 1.25 V
Temperature (°C)
-40
-15
10
35
60
85
62
64
66
68
70
72
D020
AVDD = 1.1 V
AVDD = 1.15 V
AVDD = 1.2 V
AVDD = 1.25 V
15
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2.6 GHz, 50% clock duty cycle, AVDD19 = 1.9 V, AVDD =
1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise noted)
fIN = 1850 MHz, AIN = –2 dBFS
Figure 21. Signal-to-Noise Ratio vs AVDD Supply and
Temperature
fIN = 1850 MHz, AIN = –2 dBFS
Figure 22. Spurious-Free Dynamic Range vs AVDD Supply
and Temperature
fIN = 3500 MHz, AIN = –3 dBFS with 2-dB digital gain
Figure 23. Signal-to-Noise Ratio vs AVDD Supply and
Temperature
fIN = 3500 MHz, AIN = –3 dBFS with 2-dB digital gain
Figure 24. Spurious-Free Dynamic Range vs AVDD Supply
and Temperature
fIN = 1850 MHz, AIN = –2 dBFS
Figure 25. Signal-to-Noise Ratio vs DVDD Supply and
Temperature
fIN = 1850 MHz, AIN = –2 dBFS
Figure 26. Spurious-Free Dynamic Range vs DVDD Supply
and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com