công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 148 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 148 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 144Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 145Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 146Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 147Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 148Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 149Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 150Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 151Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 152Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 194 page
background image
Page 138
12. Synchronous Serial Interface (SIO0)
12.6 Transfer Mode
TMP86CS25AFG
Figure 12-6 Number of words to transfer (Example: 1word = 4bit)
12.6 Transfer Mode
SIO0CR1<SIOM> is used to select the transmit, receive, or transmit/receive mode.
12.6.1 4-bit and 8-bit transfer modes
In these modes, firstly set the SIO control register to the transmit mode, and then write first transmit data
(number of transfer words to be transferred) to the data buffer registers (DBR).
After the data are written, the transmission is started by setting SIO0CR1<SIOS> to “1”. The data are then
output sequentially to the SO pin in synchronous with the serial clock, starting with the least significant bit
(LSB). As soon as the LSB has been output, the data are transferred from the data buffer register to the shift
register. When the final data bit has been transferred and the data buffer register is empty, an INTSIO0 (Buffer
empty) interrupt is generated to request the next transmitted data.
When the internal clock is used, the serial clock will stop and an automatic-wait will be initiated if the next
transmitted data are not loaded to the data buffer register by the time the number of data words specified with
the SIO0CR2<BUF> has been transmitted. Writing even one word of data cancels the automatic-wait; there-
fore, when transmitting two or more words, always write the next word before transmission of the previous
word is completed.
Note:Automatic waits are also canceled by writing to a DBR not being used as a transmit data buffer register; there-
fore, during SIO do not use such DBR for other applications. For example, when 3 words are transmitted, do
not use the DBR of the remained 5 words.
When an external clock is used, the data must be written to the data buffer register before shifting next data.
Thus, the transfer speed is determined by the maximum delay time from the generation of the interrupt request
to writing of the data to the data buffer register by the interrupt service program.
The transmission is ended by clearing SIO0CR1<SIOS> to “0” or setting SIO0CR1<SIOINH> to “1” in
buffer empty interrupt service program.
a1
a2
a3
a0
a1
a2
a3
b0
b1
b2
b3
c0
c1
c2
c3
a0
a1
a0
a2
a3
b0
b1
b2
b3
c0
c1
c2
c3
(a) 1 word transmit
(b) 3 words transmit
(c) 3 words receive
SO0 pin
INTSIO0 interrupt
INTSIO0 interrupt
INTSIO0 interrupt
SO0 pin
SI0 pin
SCK0 pin
SCK0 pin
SCK0 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com