công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 150 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 150 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 146Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 147Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 148Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 149Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 150Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 151Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 152Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 153Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 154Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 194 page
background image
Page 140
12. Synchronous Serial Interface (SIO0)
12.6 Transfer Mode
TMP86CS25AFG
Figure 12-9 Transmiiied Data Hold Time at End of Transfer
12.6.2 4-bit and 8-bit receive modes
After setting the control registers to the receive mode, set SIO0CR1<SIOS> to “1” to enable receiving. The
data are then transferred to the shift register via the SI pin in synchronous with the serial clock. When one word
of data has been received, it is transferred from the shift register to the data buffer register (DBR). When the
number of words specified with the SIO0CR2<BUF> has been received, an INTSIO0 (Buffer full) interrupt is
generated to request that these data be read out. The data are then read from the data buffer registers by the
interrupt service program.
When the internal clock is used, and the previous data are not read from the data buffer register before the
next data are received, the serial clock will stop and an automatic-wait will be initiated until the data are read.
A wait will not be initiated if even one data word has been read.
Note:Waits are also canceled by reading a DBR not being used as a received data buffer register is read; therefore,
during SIO0 do not use such DBR for other applications.
When an external clock is used, the shift operation is synchronized with the external clock; therefore, the
previous data are read before the next data are transferred to the data buffer register. If the previous data have
not been read, the next data will not be transferred to the data buffer register and the receiving of any more data
will be canceled. When an external clock is used, the maximum transfer speed is determined by the delay
between the time when the interrupt request is generated and when the data received have been read.
The receiving is ended by clearing SIO0CR1<SIOS> to “0” or setting SIO0CR1<SIOINH> to “1” in buffer
full interrupt service program.
When SIO0CR1<SIOS> is cleared, the current data are transferred to the buffer. After SIO0CR1<SIOS>
cleared, the receiving is ended at the time that the final bit of the data has been received. That the receiving has
ended can be determined from the status of SIO0SR<SIOF>. SIO0SR<SIOF> is cleared to “0” when the
receiving is ended. After confirmed the receiving termination, the final receiving data is read. When
SIO0CR1<SIOINH> is set, the receiving is immediately ended and SIO0SR<SIOF> is cleared to “0”. (The
received data is ignored, and it is not required to be read out.)
If it is necessary to change the number of words in external clock operation, SIO0CR1<SIOS> should be
cleared to “0” then SIO0CR2<BUF> must be rewritten after confirming that SIO0SR<SIOF> has been cleared
to “0”. If it is necessary to change the number of words in internal clock, during automatic-wait operation
which occurs after completion of data receiving, SIO0CR2<BUF> must be rewritten before the received data is
read out.
Note:The buffer contents are lost when the transfer mode is switched. If it should become necessary to switch the
transfer mode, end receiving by clearing SIO0CR1<SIOS> to “0”, read the last data and then switch the trans-
fer mode.
MSB of last word
tSODH = min 3.5/fc [s] ( In the NORMAL1/2, IDLE1/2 modes)
tSODH = min 3.5/fs [s] (In the SLOW1/2, SLEEP1/2 modes)
SCK0 pin
SO0 pin
SIO0SR<SIOF>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com