công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 147 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 147 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 143Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 144Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 145Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 146Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 147Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 148Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 149Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 150Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 151Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 194 page
background image
Page 137
TMP86CS25AFG
12.3.2 Shift edge
The leading edge is used to transmit, and the trailing edge is used to receive.
12.3.2.1 Leading edge
Transmitted data are shifted on the leading edge of the serial clock (falling edge of the SCK0 pin input/
output).
12.3.2.2 Trailing edge
Received data are shifted on the trailing edge of the serial clock (rising edge of the SCK0 pin input/out-
put).
Figure 12-5 Shift edge
12.4 Number of bits to transfer
Either 4-bit or 8-bit serial transfer can be selected. When 4-bit serial transfer is selected, only the lower 4 bits of
the transmit/receive data buffer register are used. The upper 4 bits are cleared to “0” when receiving.
The data is transferred in sequence starting at the least significant bit (LSB).
12.5 Number of words to transfer
Up to 8 words consisting of 4 bits of data (4-bit serial transfer) or 8 bits (8-bit serial transfer) of data can be trans-
ferred continuously. The number of words to be transferred can be selected by SIO0CR2<BUF>.
An INTSIO0 interrupt is generated when the specified number of words has been transferred. If the number of
words is to be changed during transfer, the serial interface must be stopped before making the change. The number of
words can be changed during automatic-wait operation of an internal clock. In this case, the serial interface is not
required to be stopped.
Bit 1
Bit 2
Bit 3
*321
3210
**32
***3
Bit 0
Shift register
Shift register
Bit 1
Bit 0
Bit 2
Bit 3
0***
****
210*
10**
3210
(a) Leading edge
(b) Trailing edge
*; Don’t care
SO0 pin
SI0 pin
SCK0 pin
SCK0 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com