công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 145 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 145 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 141Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 142Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 143Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 144Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 145Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 146Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 147Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 148Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 149Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 194 page
background image
Page 135
TMP86CS25AFG
Note 1: The lower 4 bits of each buffer are used during 4-bit transfers. Zeros (0) are stored to the upper 4bits when receiving.
Note 2: Transmitting starts at the lowest address. Received data are also stored starting from the lowest address to the highest
address. ( The first buffer address transmitted is 0F90H ).
Note 3: The value to be loaded to BUF is held after transfer is completed.
Note 4: SIO0CR2 must be set when the serial interface is stopped (SIOF = 0).
Note 5: *: Don't care
Note 6: SIO0CR2 is write-only register, which cannot access any of in read-modify-write instruction such as bit operate, etc.
Note 1: Tf; Frame time, TD; Data transfer time
Note 2: After SIOS is cleared to "0", SIOF is cleared to "0" at the termination of transfer or the setting of SIOINH to "1".
Figure 12-2 Frame time (Tf) and Data transfer time (TD)
12.3 Serial clock
12.3.1 Clock source
Internal clock or external clock for the source clock is selected by SIO0CR1<SCK>.
WAIT
Wait control
Always sets "00" except 8-bit transmit / receive mode.
Write
only
00:
Tf = TD(Non wait)
01:
Tf = 2TD(Wait)
10:
Tf = 4TD(Wait)
11:
Tf = 8TD (Wait)
BUF
Number of transfer words
(Buffer address in use)
000:
1 word transfer
0F90H
001:
2 words transfer
0F90H ~ 0F91H
010:
3 words transfer
0F90H ~ 0F92H
011:
4 words transfer
0F90H ~ 0F93H
100:
5 words transfer
0F90H ~ 0F94H
101:
6 words transfer
0F90H ~ 0F95H
110:
7 words transfer
0F90H ~ 0F96H
111:
8 words transfer
0F90H ~ 0F97H
SIO Status Register
SIO0SR
76543
210
(0F99H)
SIOF
SEF
SIOF
Serial transfer operating status moni-
tor
0:
1:
Transfer terminated
Transfer in process
Read
only
SEF
Shift operating status monitor
0:
1:
Shift operation terminated
Shift operation in process
TD
Tf
(output)
SCK0 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com