công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25AFG bảng dữ liệu(PDF) 146 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG bảng dữ liệu(HTML) 146 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 142Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 143Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 144Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 145Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 146Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 147Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 148Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 149Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 150Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 194 page
background image
Page 136
12. Synchronous Serial Interface (SIO0)
12.3 Serial clock
TMP86CS25AFG
12.3.1.1 Internal clock
Any of six frequencies can be selected. The serial clock is output to the outside on the SCK0 pin. The
SCK0 pin goes high when transfer starts.
When data writing (in the transmit mode) or reading (in the receive mode or the transmit/receive mode)
cannot keep up with the serial clock rate, there is a wait function that automatically stops the serial clock
and holds the next shift operation until the read/write processing is completed.
Note: 1 Kbit = 1024 bit (fc = 16 MHz, fs = 32.768 kHz)
Figure 12-3 Automatic Wait Function (at 4-bit transmit mode)
12.3.1.2 External clock
An external clock connected to the SCK0 pin is used as the serial clock. In this case, output latch of this
port should be set to "1". To ensure shifting, a pulse width of at least 4 machine cycles is required. This
pulse is needed for the shift operation to execute certainly. Actually, there is necessary processing time for
interrupting, writing, and reading. The minimum pulse is determined by setting the mode and the pro-
gram. Therfore, maximum transfer frequency will be 488.3K bit/sec (at fc=16MHz).
Figure 12-4 External clock pulse width
Table 12-1 Serial Clock Rate
NORMAL1/2, IDLE1/2 mode
SLOW1/2,
SLEEP1/2 mode
DV7CK = 0
DV7CK = 1
SCK
Clock
Baud Rate
Clock
Baud Rate
Clock
Baud Rate
000
fc/213
1.91 Kbps
fs/25
1024 bps
fs/25
1024 bps
001
fc/28
61.04 Kbps
fc/28
61.04 Kbps
-
-
010
fc/27
122.07 Kbps
fc/27
122.07 Kbps
-
-
011
fc/26
244.14 Kbps
fc/26
244.14 Kbps
-
-
100
fc/25
488.28 Kbps
fc/25
488.28 Kbps
-
-
101
fc/24
976.56 Kbps
fc/24
976.56 Kbps
-
-
110
-
-
-
-
-
-
111
External
External
External
External
External
External
a1
a2
b0
b1
b2
b3
c0
c1
a3
a
c
b
a0
pin (output)
pin (output)
Written transmit
data
Automatically
wait function
SCK0
SO0
tSCKL tSCKH
tcyc = 4/fc (In the NORMAL1/2, IDLE1/2 modes)
4/fs (In the SLOW1/2, SLEEP1/2 modes)
tSCKL, tSCKH > 4tcyc
SCK0
pin (Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com