công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86PM74AFG bảng dữ liệu(PDF) 90 Page - Toshiba Semiconductor

tên linh kiện TMP86PM74AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM74AFG bảng dữ liệu(HTML) 90 Page - Toshiba Semiconductor

Back Button TMP86PM74AFG Datasheet HTML 86Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 87Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 88Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 89Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 90Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 91Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 92Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 93Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 94Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 190 page
background image
Page 80
8. 16-Bit TimerCounter 1 (TC1)
8.3 Function
TMP86PM74AFG
8.3.2
External Trigger Timer Mode
In the external trigger timer mode, the up-counter starts counting by the input pulse triggering of the TC1
pin, and counts up at the edge of the internal clock. For the trigger edge used to start counting, either the rising
or falling edge is defined in TC1CR<TC1S>.
• When TC1CR<METT1> is set to “1” (trigger start and stop)
When a match between the up-counter and the TC1DRA value is detected after the timer starts, the
up-counter is cleared and halted and an INTTC1 interrupt request is generated.
If the edge opposite to trigger edge is detected before detecting a match between the up-counter
and the TC1DRA, the up-counter is cleared and halted without generating an interrupt request.
Therefore, this mode can be used to detect exceeding the specified pulse by interrupt.
After being halted, the up-counter restarts counting when the trigger edge is detected.
• When TC1CR<METT1> is set to “0” (trigger start)
When a match between the up-counter and the TC1DRA value is detected after the timer starts, the
up-counter is cleared and halted and an INTTC1 interrupt request is generated.
The edge opposite to the trigger edge has no effect in count up. The trigger edge for the next count-
ing is ignored if detecting it before detecting a match between the up-counter and the TC1DRA.
Since the TC1 pin input has the noise rejection, pulses of 4/fc [s] or less are rejected as noise. A pulse width
of 12/fc [s] or more is required to ensure edge detection. The rejection circuit is turned off in the SLOW1/2 or
SLEEP1/2 mode, but a pulse width of one machine cycle or more is required.
Example 1 :Generating an interrupt 1 ms after the rising edge of the input pulse to the TC1 pin
(fc =16 MHz)
LDW
(TC1DRA), 007DH
; 1ms
÷ 27/fc = 7DH
DI
; IMF
= “0”
SET
(EIRL). 5
; Enables INTTC1 interrupt
EI
; IMF
= “1”
LD
(TC1CR), 00000100B
; Selects the source clock and mode
LD
(TC1CR), 00100100B
; Starts TC1 external trigger, METT1
= 0
Example 2 :Generating an interrupt when the low-level pulse with 4 ms or more width is input to the TC1 pin
(fc =16 MHz)
LDW
(TC1DRA), 01F4H
; 4 ms
÷ 27/fc = 1F4H
DI
; IMF
= “0”
SET
(EIRL). 5
; Enables INTTC1 interrupt
EI
; IMF
= “1”
LD
(TC1CR), 00000100B
; Selects the source clock and mode
LD
(TC1CR), 01110100B
; Starts TC1 external trigger, METT1
= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com