công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86PM74AFG bảng dữ liệu(PDF) 39 Page - Toshiba Semiconductor

tên linh kiện TMP86PM74AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM74AFG bảng dữ liệu(HTML) 39 Page - Toshiba Semiconductor

Back Button TMP86PM74AFG Datasheet HTML 35Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 36Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 37Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 38Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 39Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 40Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 41Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 42Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 190 page
background image
Page 29
TMP86PM74AFG
(2)
Switching from SLOW1 mode to NORMAL2 mode
Note: After SYSCK is cleared to “0”, executing the instructions is continiued by the low-frequency clock
for the period synchronized with low-frequency and high-frequency clocks.
First, set SYSCR2<XEN> to turn on the high-frequency oscillation. When time for stabilization
(Warm up) has been taken by the timer/counter (TC2), clear SYSCR2<SYSCK> to switch the main
system clock to the high-frequency clock.
SLOW mode can also be released by inputting low level on the RESET pin. After releasing reset, the
operation mode is started from NORMAL1 mode.
Example :Switching from the SLOW1 mode to the NORMAL2 mode (fc = 16 MHz, warm-up time is 4.0 ms).
SET
(SYSCR2). 7
; SYSCR2<XEN>
1 (Starts high-frequency oscillation)
LD
(TC2CR), 10H
; Sets mode for TC2 (fc for source)
LD
(TC2DRH), 0F8H
; Sets warm-up time
DI
; IMF
0
SET
(EIRH). 5
; Enables INTTC2
EI
; IMF
1
SET
(TC2CR). 5
; Starts TC2
:
PINTTC2:
CLR
(TC2CR). 5
; Stops TC2
CLR
(SYSCR2). 5
; SYSCR2<SYSCK>
0
(Switches the main system clock to the high-frequency clock)
RETI
:
VINTTC2:
DW
PINTTC2
; INTTC2 vector table
High-frequency clock
Low-frequency clock
Main system clock
SYSCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com