công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86PM74AFG bảng dữ liệu(PDF) 63 Page - Toshiba Semiconductor

tên linh kiện TMP86PM74AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM74AFG bảng dữ liệu(HTML) 63 Page - Toshiba Semiconductor

Back Button TMP86PM74AFG Datasheet HTML 59Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 60Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 61Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 62Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 63Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 64Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 65Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 66Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 190 page
background image
Page 53
TMP86PM74AFG
5. I/O Ports
The TMP86PM74AFG has 11 parallel input/output ports (70 pins) as follows.
Each output port contains a latch, which holds the output data. All input ports do not have latches, so the external
input data should be externally held until the input data is read from outside or reading should be performed several
timer before processing. Figure 5-1 shows input/output timing examples. External data is read from an I/O port in the
S1 state of the read cycle during execution of the read instruction. This timing cannot be recognized from outside, so
that transient input such as chattering must be processed by the program.
Output data changes in the S2 state of the write cycle during execution of the instruction which writes to an I/O
port.
Note: The positions of the read and write cycles may vary, depending on the instruction.
Figure 5-1 Input/Output Timing (Example)
Primary Function
Secondary Functions
Port P0
8-bit I/O port
Port P1
8-bit I/O port
External interrupt input, timer/counter input/output,
Serial interface input/output
Port P2
3-bit I/O port
Low-frequency resonator connections, external interrupt input/output,
STOP mode release signal Input
Port P3
2-bit I/O port
Port P4
8-bit I/O port
Analog input, STOP mode release signal input
Port P5
4-bit I/O port
External interrupt input
Port P6
8-bit I/O port
VFT output
Port P7
8-bit I/O port
VFT output
Port P8
8-bit I/O port
VFT output
Port P9
8-bit I/O port
VFT output
Port PD
5-bit I/O port
VFT output
Instruction
execution cycle
Input strobe
Data input
Ex: LD A, (x)
Fetch cycle
Fetch cycle
Read cycle
S0S1S2S3S0S1S2S3S0S1S2S3
Instruction
execution cycle
Output latch pulse
Data output
Ex: LD (x), A
Fetch cycle
Fetch cycle
Write cycle
S0S1S2S3S0S1S2S3S0S1S2S3
(a) Input timing
(b) Output timing
Old
New



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com