công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86PM74AFG bảng dữ liệu(PDF) 87 Page - Toshiba Semiconductor

tên linh kiện TMP86PM74AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM74AFG bảng dữ liệu(HTML) 87 Page - Toshiba Semiconductor

Back Button TMP86PM74AFG Datasheet HTML 83Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 84Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 85Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 86Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 87Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 88Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 89Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 90Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 91Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 190 page
background image
Page 77
TMP86PM74AFG
Note 4: Auto-capture can be used only in the timer, event counter, and window modes.
Note 5: To set the timer registers, the following relationship must be satisfied.
TC1DRA > TC1DRB > 1 (PPG output mode), TC1DRA > 1 (other modes)
Note 6: Set TFF1 to “0” in the mode except PPG output mode.
Note 7: Set TC1DRB after setting TC1M to the PPG output mode.
Note 8: When the STOP mode is entered, the start control (TC1S) is cleared to “00” automatically, and the timer stops. After the
STOP mode is exited, set the TC1S to use the timer counter again.
Note 9: Use the auto-capture function in the operative condition of TC1. A captured value may not be fixed if it's read after the
execution of the timer stop or auto-capture disable. Read the capture value in a capture enabled condition.
Note 10:Since the up-counter value is captured into TC1DRB by the source clock of up-counter after setting TC1CR<ACAP1> to
"1". Therefore, to read the captured value, wait at least one cycle of the internal source clock before reading TC1DRB for
the first time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com