công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86PM74AFG bảng dữ liệu(PDF) 82 Page - Toshiba Semiconductor

tên linh kiện TMP86PM74AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM74AFG bảng dữ liệu(HTML) 82 Page - Toshiba Semiconductor

Back Button TMP86PM74AFG Datasheet HTML 78Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 79Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 80Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 81Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 82Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 83Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 84Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 85Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 86Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 190 page
background image
Page 72
7. Time Base Timer (TBT)
7.1 Time Base Timer
TMP86PM74AFG
Note 2: The interrupt frequency (TBTCK) must be selected with the time base timer disabled (TBTEN="0"). (The interrupt fre-
quency must not be changed with the disable from the enable state.) Both frequency selection and enabling can be per-
formed simultaneously.
7.1.3
Function
An INTTBT ( Time Base Timer Interrupt ) is generated on the first falling edge of source clock ( The divider
output of the timing generator which is selected by TBTCK. ) after time base timer has been enabled.
The divider is not cleared by the program; therefore, only the first interrupt may be generated ahead of the set
interrupt period ( Figure 7-2 ).
Figure 7-2 Time Base Timer Interrupt
Example :Set the time base timer frequency to fc/216 [Hz] and enable an INTTBT interrupt.
LD
(TBTCR) , 00000010B
; TBTCK
← 010
LD
(TBTCR) , 00001010B
; TBTEN
← 1
DI
; IMF
← 0
SET
(EIRL) . 7
Table 7-1
Time Base Timer Interrupt Frequency ( Example : fc = 16.0 MHz, fs = 32.768 kHz )
TBTCK
Time Base Timer Interrupt Frequency [Hz]
NORMAL1/2, IDLE1/2 Mode
NORMAL1/2, IDLE1/2 Mode
SLOW1/2, SLEEP1/2 Mode
DV7CK = 0
DV7CK = 1
000
1.91
1
1
001
7.63
4
4
010
244.14
128
011
976.56
512
100
1953.13
1024
101
3906.25
2048
110
7812.5
4096
111
31250
16384
Source clock
Enable TBT
Interrupt period
TBTCR<TBTEN>
INTTBT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com