công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86PM74AFG bảng dữ liệu(PDF) 67 Page - Toshiba Semiconductor

tên linh kiện TMP86PM74AFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM74AFG bảng dữ liệu(HTML) 67 Page - Toshiba Semiconductor

Back Button TMP86PM74AFG Datasheet HTML 63Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 64Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 65Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 66Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 67Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 68Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 69Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 70Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 71Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 190 page
background image
Page 57
TMP86PM74AFG
5.3
Port P2 (P22 to P20)
Port P2 is a 3-bit input/output port. It can work not only as a port but also as external input, STOP mode release
signal input, and low-frequency resonator connection pins. To use it as an input port or the secondary-function pins,
set the output latch (P2DR) to “1”. A reset initializes the P2DR to “1”. To run the device in dual clock mode, connect
a low-frequency resonator (32.768 kHz) to pins P21 (XTIN) and P22 (XTOUT). When the device runs in single
clock mode, P21 and P22 can be used as an ordinary input/output port. It is recommended that pin P20 be used for
external interrupt input, STOP release signal input, or as an input port (if it is used as an output port, it is set with the
content of the interrupt latch at the negative-going edge of the signal.)
Port P2 has separate data input registers. To sense the state of the output latch, read the P2DR. To sense the state of
the pins of the port, read the P2 port input data (P2PRD) register.
If a read instruction is executed for the P2DR or P2PRD on port P2, the sensed state of bits 7 to 3 is undefined.
Figure 5-4 Port P2
Note: Because pin P20 is used also as the STOP pin, its output high impedance becomes high when it enters the STOP mode
regardless of the state of OUTEN.
P2DR
(0002H)
R/W
76
543
21
0
P22
XTOUT
P21
XTIN
P20
INT5
STOP
(Initial value: **** *111)
P2PRD
(0016H)
Read only
76
543
21
0
P22
P21
P20
Output latch
Output latch
Output latch
Data input (P21)
Data output (P21)
Data output (P20)
Data input (P20)
Data input (P20PRD),
Data input (P22PRD)
Control input
Data input (P21PRD)
Data output (P22)
Data input (P22)
STOP
OUTEN
XTEN
fs
P22 (XTOUT)
P21 (XTIN)
P20 (INT5, STOP)
Osc. enable
D
Q
D
Q
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com