công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMPR4938 bảng dữ liệu(PDF) 238 Page - Toshiba Semiconductor

tên linh kiện TMPR4938
Giải thích chi tiết về linh kiện  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 bảng dữ liệu(HTML) 238 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 234Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 235Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 236Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 237Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 238Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 239Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 240Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 241Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 242Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 716 page
background image
Chapter 9 SDRAM Controller
9-4
9.3.2
Address Mapping
9.3.2.1
Physical Address Mapping
It is possible to map each of the four channels to an arbitrary physical address using the Base
Address field (SDCCRn.BA[35:21]) of the SDRAM Channel Control Register and the Address
Mask Field (SDCCRn.AM[35:21]).
The channel that becomes True in the following equation is selected.
paddr[35:21] & !AM[35:21]
= BA[35:21] & !AM[35:21]
In the above equation, "paddr" represents the accessed physical address, "&" represents the
AND of each bit, and "!" represents the logical NOT of each bit.
Operation is undefined when multiple channels are simultaneously selected, or when external
bus controllers or PCI controllers are simultaneously selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More