công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMPR4938 bảng dữ liệu(PDF) 46 Page - Toshiba Semiconductor

tên linh kiện TMPR4938
Giải thích chi tiết về linh kiện  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 bảng dữ liệu(HTML) 46 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 42Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 43Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 44Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 45Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 46Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 47Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 48Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 49Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 50Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 716 page
background image
Conventions in this Manual
ii
Handling reserved regions
Operation is undefined when a register defined in this document as a reserved region (Reserved) is
accessed. If there is a bit or field that was defined as Reserved in a register, write the expressed default value
or the specified value (“0” if no particular value is expressed) to these bits. Also, do not use any value read
from this bit/field.
Diagnostic function
Any function described as a “diagnostic function” is used to facilitate operation evaluations. The operation
of such functions is not guaranteed.
References
64-bit TX System RISC TX49/H2, TX49/H3, TX49/H4 Core Architecture
(http://www.semicon.toshiba.co.jp/eng/index.html)
MIPS RISC Architecture, Gerry Kane and Joe Heinrich (ISBN 0-13-590472-2)
See MIPS Run, Dominic Sweetman (ISBN 1-55860-410-3)
MIPS Publications (http://www.mips.com/publications/)
PCI Local Bus Specification Revision 2.2 (http://www.pcisig.com/)
PCI Bus Power Management Interface Specification Revision 1.1
Audio CODEC ‘97 (AC ‘97) Revision 2.1 (http://developer.intel.com/ial/scalableplatforms/audio/)
– SmartMedia™ Physical Format Specifications Web-Online Version 1.00
– SMIL (SmartMedia™ Interface Library) Software Edition Version 1.00
(http://www.ssfdc.or.jp/english/business/)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More