| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMPR4938 bảng dữ liệu(PDF) 211 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4938 bảng dữ liệu(HTML) 211 Page - Toshiba Semiconductor |
|
211 / 716 page ![]() Chapter 8 DMA Controller 8-37 8.4.8 DMA Destination Address Increment Register (DM0DAIRn, DM1DAIRn) Offset Address: DMAC0 0xB028 (ch. 0) / 0xB068 (ch. 1) / 0xB0A8 (ch. 2) / 0xB0E8 (ch. 3) DMAC1 0xB828 (ch. 0) / 0xB868 (ch. 1) / 0xB8A8 (ch. 2) / 0xB8E8 (ch. 3) 63 48 Reserved : Type : Initial value 47 32 Reserved : Type : Initial value 31 24 23 16 Reserved DADINC[23:16] R/W : Type ⎯ : Initial value 15 0 DADINC[15:0] R/W : Type ⎯ : Initial value Bit Mnemonic Field Name Description Read/Write 63:24 Reserved ⎯ 23:0 DADINC Destination Address Increment Destination Address Increment (Default: undefined) This field sets the increase/decrease value of the DMA Destination Address Register (DMDARn). This value is a 24-bit two’s complement and indicates a byte count. Refer to “8.3.8.1 Channel Register Settings During Dual Address Transfer” for more information. R/W Figure 8.4.8 DMA Destination Address Increment Register |