| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMPR4937 bảng dữ liệu(PDF) 299 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4937 bảng dữ liệu(HTML) 299 Page - Toshiba Semiconductor |
|
299 / 552 page ![]() Chapter 10 PCI Controller 10-41 10.4.16 G2P Interrupt Mask Register (G2PMASK) 0xD084 31 16 Reserved : Type : Initial value 15 2 1 0 Reserved IDTTOEIE IDRTOEIE R/W R/W : Type 0x0 0x0 : Initial value Bit Mnemonic Field Name Description Read/Write 31:2 Reserved ⎯ 1 IDTTOEIE TRDY Timeout Error Interrupt Enable Initiator Detected TRDY Time Out Interrupt Enable (Default: 0x0) The initiator generates an interrupt when it detects a TRDY timeout. 1: Generates an interrupt. 0: Does not generate an interrupt. R/W 0 IDRTOEIE Retry Timeout Error Interrupt Enable Initiator Detected Retry Time Out Interrupt Enable (Default: 0x0) The initiator generates an interrupt when it detects a Retry timeout. 1: Generates an interrupt. 0: Does not generate an interrupt. R/W Figure 10.4.14 G2P Interrupt Mask Register |