| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMPR4937 bảng dữ liệu(PDF) 46 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4937 bảng dữ liệu(HTML) 46 Page - Toshiba Semiconductor |
|
46 / 552 page ![]() Conventions in this Manual ii Handling reserved regions Operation is undefined when a register defined in this document as a reserved region (Reserved) is accessed. If there is a bit or field that was defined as Reserved in a register, write the expressed default value or the specified value (“0” if no particular value is expressed) to these bits. Also, do not use any value read from this bit/field. Diagnostic function Any function described as a “diagnostic function” is used to facilitate operation evaluations. The operation of such functions is not guaranteed. References 64-bit TX System RISC TX49/H2, TX49/H3, TX49/H4 Core Architecture (http://www.semicon.toshiba.co.jp/eng/index.html) MIPS RISC Architecture, Gerry Kane and Joe Heinrich (ISBN 0-13-590472-2) See MIPS Run, Dominic Sweetman (ISBN 1-55860-410-3) MIPS Publications (http://www.mips.com/publications/) PCI Local Bus Specification Revision 2.2 (http://www.pcisig.com/) PCI Bus Power Management Interface Specification Revision 1.1 Audio CODEC ‘97 (AC ‘97) Revision 2.1 (http://developer.intel.com/ial/scalableplatforms/audio/) |