công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMPR4937 bảng dữ liệu(PDF) 452 Page - Toshiba Semiconductor

tên linh kiện TMPR4937
Giải thích chi tiết về linh kiện  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 bảng dữ liệu(HTML) 452 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 448Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 449Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 450Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 451Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 452Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 453Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 454Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 455Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 456Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 552 page
background image
Chapter 15 Interrupt Controller
15-6
15.3.4 Interrupt priority assigning
When multiple interrupt requests exist, the Interrupt Controller selects the interrupt with the highest
priority according to the priority level and interrupt number. Interrupt factors with an interrupt level
equal to or lower than the interrupt level specified by the Interrupt Mask Level Register (IRMSK) will
be excluded (masked).
When the interrupt with the highest priority is selected, then the interrupt number of that interrupt is
set in the interrupt factor field (CAUSE) of the Interrupt Current Status Register (IRCS), the interrupt
level is set in the Interrupt Level field (LVL), and the Interrupt Flag bit (IF) is set.
Priorities are assigned as follows.
•
When interrupt levels differ, the interrupt with the higher interrupt level has priority (Table
15.3.2)
•
When multiple interrupts with the same interrupt level are simultaneously detected, the
interrupt with the smaller interrupt number has priority (Table 15.3.1).
In the following cases, interrupts are reprioritized. If any new interrupt requests are generated before
reprioritization, the highest-priority interrupt is accepted, changing the Interrupt Cause (CAUSE) and
Interrupt Level (LVL) fields in the Interrupt Current Status (IRCS) register.
•
When an interrupt request with a higher interrupt level than that of the currently selected
interrupt is detected. If the interrupt levels are equal, the Interrupt Cause (CAUSE) field does
not change, even if the interrupt number is smaller.
•
When the interrupt level (IRLVLn.ILm) of the currently selected interrupt changes to a value
smaller than the current setting.
•
When the currently selected interrupt is cleared (refer to 15.3.6 Clearing interrupt requests).
Changing the Interrupt Mask Level (IRMSK.LML) does not cause the IRC to reprioritize interrupts.
However, if the Interrupt Mask Level (IRMSK.LML) is set to a value equal to or greater than the
current interrupt level (IRLVLn.ILm), the Interrupt Flag bit in the Interrupt Current Status register
(IRCS.IF) is set to mask the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com