| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7375-SC bảng dữ liệu(PDF) 18 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7375-SC bảng dữ liệu(HTML) 18 Page - PMC-Sierra, Inc |
|
18 / 430 page ![]() PM7375 LASAR-155 DATA SHEET PMC-931127 ISSUE 6 LOCAL ATM SAR & PHYSICAL LAYER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 2 2 APPLICATIONS • ATM Workstations and Servers • ATM Bridges, Switches and Hubs • Multimedia Terminals 3 REFERENCES • ATM Forum - ATM User-Network Interface Specification, V3.1, September, 1994. • ATM Forum - "An ATM PHY Data path Interface - Level 1", V2.0, February 1994 • ITU-TS Recommendation G.709 - "Synchronous Multiplexing Structure", Helsinki, March 1993. • ITU-TS Recommendation I.363 - "B-ISDN ATM Adaptation Layer (AAL) Specification", Helsinki, March 1993. • ITU-TS Recommendation I.432 DRAFT - "B-ISDN User-Network Interface-Physical Interface Specification", Helsinki, March 1993. • ITU-TS Recommendation I.610 - "B-ISDN Operation and Maintenance Principles and Functions", Helsinki, March 1993. • Bell Communications Research - SONET Transport Systems: Common Generic Criteria, GR-253-CORE, Issue 1, December 1994. Bell Communications Research - Broadband-ISDN User to Network Interface and Network Node Interface Physical Layer Generic Criteria, TR-NWT-001112, Issue 1, June 1993. • Bell Communications Research - Asynchronous Transfer Mode (ATM) and ATM Adaptation Layer (AAL) Protocols Generic Requirements, TA-NWT-001113, Issue 2, July 1993. • Bell Communications Research - Generic Requirements for Operations of Broadband Switching Systems, TA-NWT-001248, Issue 2, October 1993. • American National Standard for Telecommunications - B-ISDN ATM Adaptation Layer Type 5, ANSI T1.635-1993. |