| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7375-SC bảng dữ liệu(PDF) 74 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7375-SC bảng dữ liệu(HTML) 74 Page - PMC-Sierra, Inc |
|
74 / 430 page ![]() PM7375 LASAR-155 DATA SHEET PMC-931127 ISSUE 6 LOCAL ATM SAR & PHYSICAL LAYER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 58 For alarm assertion and diagnostics, path Remote Defect Indication (RDI) can be forced, path FEBE can be automatically accumulated and inserted (G1), BIP-8 errors may be continuously inserted and pointers can be incremented, decremented or arbitrarily forced. 9.11.1.1 Fig. 9.7 Default Path Overhead Values J1 (0x00) B3 (*) C2 (0x13) Z3 (0x00) Z4 (0x00) Z5 (0x00) F2 (0x00) H4 (0x00) * : B3 value depend on payload contents G1 value depends on incoming path bit errors G1 (*) 9.12 Transmit Line Interface The Transmit Line Interface block performs clock synthesis and performs parallel to serial conversion. The clock synthesis unit can be bypassed using primary inputs to allow operation with an external line rate clock source. |