công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM7375-SC bảng dữ liệu(PDF) 90 Page - PMC-Sierra, Inc

tên linh kiện PM7375-SC
Giải thích chi tiết về linh kiện  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC bảng dữ liệu(HTML) 90 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 86Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 87Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 88Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 89Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 90Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 91Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 92Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 93Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 94Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
74
CPAAL5_PDU
CPI[7:0]
The Common Part Convergence Sublayer AAL Type 5
Protocol Data Unit Common Part Indicator
(CPAAL5_PDU CPI) octet is used by the LASAR-155 to
insert into the CPI field of the associated CPAAL5_PDU.
Insertion can be enabled or disabled using a register bit.
If disabled, the LASAR-155 inserts 00H into the CPI field
of the associated CPAAL5_PDU.
For multiple TD packets, for all TDs of the packet, the
CPAAL5_PDU CPI field must be consistent. Note, the
CPAAL5_PDU CPI field is only used when CT[1:0]
selects AAL5 user cells (00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More