| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7375-SC bảng dữ liệu(PDF) 62 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7375-SC bảng dữ liệu(HTML) 62 Page - PMC-Sierra, Inc |
|
62 / 430 page ![]() PM7375 LASAR-155 DATA SHEET PMC-931127 ISSUE 6 LOCAL ATM SAR & PHYSICAL LAYER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 46 persists for 4 ms, loss of cell delineation is asserted (LCD). LCD is removed when no OCD condition has been detected for 4 ms. 9.3.1.1 Fig. 9.2 Cell Delineation State Diagram HUNT PRESYNC SYNC correct HEC (byte by byte) DELTA consecutive correct HECs (cell by cell) Incorrect HEC (cell by cell) ALPHA consecutive incorrect HECs (cell by cell) 9.3.2 Cell Filter and HEC Verification Cells are filtered (or dropped) based on HEC errors and/or a cell header pattern. Cell filtering is optional and is enabled through the RACP registers. When both filtering and HEC checking are enabled, cells are dropped if uncorrectable HEC errors are detected, or if the corrected header contents match the pattern contained in the RACP Match Header Pattern and RACP Match Header Mask registers. Idle or unassigned cell filtering is accomplished by writing the appropriate cell header pattern into the RACP Match Header Pattern and RACP Match Header Mask registers. The HEC is a CRC-8 calculation over the first 4 octets of the ATM cell header using the polynomial, x8 + x2 + x + 1. The coset polynomial, x6 + x4 + x2 + 1 is optionally added (modulo 2) to the received HEC octet before comparison with the calculated result. While the Cell Delineation State Machine (described above) is in the SYNC state, the HEC verification circuit implements the state machine shown below. |