| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7375-SC bảng dữ liệu(PDF) 84 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7375-SC bảng dữ liệu(HTML) 84 Page - PMC-Sierra, Inc |
|
84 / 430 page ![]() PM7375 LASAR-155 DATA SHEET PMC-931127 ISSUE 6 LOCAL ATM SAR & PHYSICAL LAYER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 68 9.14.4.3 Fig. 9.12 TDRR Queue Operation Tx Descriptor Reference Ready Queue (High and Low Priority) Bit 0 Bit 31 TDR TDRRQ Start Address TDRRQ End Address TDRRQ Read Address TDRRQ Write Address TDR TDR TD - 32 bytes TD - 32 bytes TD - 32 bytes TD - 32 bytes TD - 32 bytes buffer -packet M buffer -packet N buffer -start of packet O buffer -middle of packet O buffer -end of packet O Valid TDR. Only least significant 16 bits are valid. |