| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7375-SC bảng dữ liệu(PDF) 101 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7375-SC bảng dữ liệu(HTML) 101 Page - PMC-Sierra, Inc |
|
101 / 430 page ![]() PM7375 LASAR-155 DATA SHEET PMC-931127 ISSUE 6 LOCAL ATM SAR & PHYSICAL LAYER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 85 9.14.10 Receive Management Descriptor Table Each RMD resides in the Receive Management Descriptor Table. The Receive Management Descriptor table can contain a maximum of 16384 RMDs. The base of the Receive Management Descriptor Table is user programmable via the PCID Rx Management Descriptor Table Base register. Thus, as shown below, a RMD can be located using a Receive Management Descriptor Reference (RMDR) combined with the PCID Rx Management Descriptor Table Base register. |