công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9874H bảng dữ liệu(PDF) 33 Page - NXP Semiconductors

tên linh kiện TDA9874H
Giải thích chi tiết về linh kiện  Digital TV sound demodulator/decoder
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9874H bảng dữ liệu(HTML) 33 Page - NXP Semiconductors

Back Button TDA9874H Datasheet HTML 29Page - NXP Semiconductors TDA9874H Datasheet HTML 30Page - NXP Semiconductors TDA9874H Datasheet HTML 31Page - NXP Semiconductors TDA9874H Datasheet HTML 32Page - NXP Semiconductors TDA9874H Datasheet HTML 33Page - NXP Semiconductors TDA9874H Datasheet HTML 34Page - NXP Semiconductors TDA9874H Datasheet HTML 35Page - NXP Semiconductors TDA9874H Datasheet HTML 36Page - NXP Semiconductors TDA9874H Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
1998 Apr 27
33
Philips Semiconductors
Preliminary specification
Digital TV sound demodulator/decoder
TDA9874H
7.3.19
I2SOUTPUT SELECT REGISTER (I2SOSR)
This register is used to define both the signal source to be output at the I2S port and the mode of the digital matrix for
signal selection.
The two combinations of FM and NICAM shown in Table 53 apply to the (rare) condition that three different languages
are being broadcast in an FM + NICAM system. They allow for a two-out-of-three selection for special applications. Note
that the controlling microprocessor has to assure that the FM dematrix is set to the mono position.
The default setting at power-up is 00000000.
Table 50 I2S Output Select Register (subaddress 22)
Table 51 Description of I2SOSR bits
Table 52 Mode of the digital matrix for signal selection
Table 53 Signal source left and right
76543210
ICSM2
ICSM1
ICSM0
−−
ISS1
ISS0
BIT
SYMBOL
DESCRIPTION
7
This bit is not used and should be set to logic 0.
6
ICSM2
Output channel selection mode. These 3 bits select the output channel selection
mode; see Table 52.
5
ICSM1
4
ICSM0
3
These 2 bits are not used and should be set to logic 0.
2
1
ISS1
Signal source. These 2 bits select the signal source; see Table 53.
0
ISS0
ICSM2
ICSM1
ICSM0
L OUTPUT
R OUTPUT
0
0
0
L input
R input
0
0
1
L input
L input
0
1
0
R input
R input
0
1
1
R input
L input
100
ISS1
ISS0
SIGNAL SOURCE
LEFT
RIGHT
0
0
FM left
FM right
0
1
NICAM left
NICAM right
1
0
FM mono
NICAM M1
1
1
FM mono
NICAM M2
LR
+
2
--------------
LR
+
2
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com