công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9874H bảng dữ liệu(PDF) 30 Page - NXP Semiconductors

tên linh kiện TDA9874H
Giải thích chi tiết về linh kiện  Digital TV sound demodulator/decoder
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9874H bảng dữ liệu(HTML) 30 Page - NXP Semiconductors

Back Button TDA9874H Datasheet HTML 26Page - NXP Semiconductors TDA9874H Datasheet HTML 27Page - NXP Semiconductors TDA9874H Datasheet HTML 28Page - NXP Semiconductors TDA9874H Datasheet HTML 29Page - NXP Semiconductors TDA9874H Datasheet HTML 30Page - NXP Semiconductors TDA9874H Datasheet HTML 31Page - NXP Semiconductors TDA9874H Datasheet HTML 32Page - NXP Semiconductors TDA9874H Datasheet HTML 33Page - NXP Semiconductors TDA9874H Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
1998 Apr 27
30
Philips Semiconductors
Preliminary specification
Digital TV sound demodulator/decoder
TDA9874H
7.3.13
NICAM LOWER ERROR LIMIT REGISTER (NLELR)
When the auto-mute function is enabled
(see Section 7.3.11) and the NICAM bit error count is
lower than the value contained in this register, the NICAM
signal is selected (again) for reproduction. See also
Section 7.3.14.
The default setting at power-up is 00010100.
Table 37 NICAM Lower Error Limit Register
(subaddress 16)
7.3.14
NICAM UPPER ERROR LIMIT REGISTER (NUELR)
When the auto-mute function is enabled
(see Section 7.3.11) and the NICAM bit error count is
higher than the value contained in this register, the signal
of the first sound carrier (i.e. FM mono or AM sound) or the
analog mono input is selected for reproduction.
The difference between upper and lower error limit
constitutes a hysteresis to avoid frequent switching
between NICAM and the program on the first sound
carrier.
The default setting at power-up is 01010000.
Table 38 NICAM Upper Error Limit Register
(subaddress 17)
7.3.15
AUDIO MUTE CONTROL REGISTER (AMCONR)
Only bits 6 and 2 are used. The state of the unused bits
should be set to logic 1. When any of these bits is set
HIGH, the corresponding pair of output channels will be
muted. A LOW bit allows normal signal output.
The default setting at power-up is 11111111.
Table 39 Audio Mute Control Register (subaddress 18)
76543210
B7
B6
B5
B4
B3
B2
B1
B0
7
6
543210
B7
B6
B5
B4
B3
B2
B1
B0
765
4
3
2
1
0
MUTI2S
−−−
MUTOUT
−−
7.3.16
DAC OUTPUT SELECT REGISTER (DACOSR)
This register is used to define the signal source to be
entered into the DAC. The DAC is used for signal output
from digital sources at analog outputs.
The two combinations of FM and NICAM shown in
Table 42 apply to the (rare) condition that three different
languages are being broadcast in an FM + NICAM system.
They allow for a two-out-of-three selection for special
applications. Note that the controlling microprocessor has
to assure that the FM dematrix is set to the mono position.
Some extra gain can be introduced at the input to the DAC
to provide a coarse level adjust function.
The default setting at power-up is 00000000.
Bits B2, B4, B5 and B6 are not used and should be set to
logic 0.
Table 40 DAC Output Select Register (subaddress 19)
Table 41 Selection of DAC gain
Table 42 Signal source left and right
7
654
3
2
1
0
DGS1
−−−
DGS0
DOS1 DOS0
DGS1 DGS0
DAC GAIN
(dB)
00
0
01
3
10
6
11
9
DOS1 DOS0
SIGNAL SOURCE
LEFT
RIGHT
0
0
FM/AM
FM/AM
0
1
NICAM left
NICAM right
1
0
FM/AM
NICAM M1
1
1
FM/AM
NICAM M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com