công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9874H bảng dữ liệu(PDF) 48 Page - NXP Semiconductors

tên linh kiện TDA9874H
Giải thích chi tiết về linh kiện  Digital TV sound demodulator/decoder
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9874H bảng dữ liệu(HTML) 48 Page - NXP Semiconductors

Back Button TDA9874H Datasheet HTML 44Page - NXP Semiconductors TDA9874H Datasheet HTML 45Page - NXP Semiconductors TDA9874H Datasheet HTML 46Page - NXP Semiconductors TDA9874H Datasheet HTML 47Page - NXP Semiconductors TDA9874H Datasheet HTML 48Page - NXP Semiconductors TDA9874H Datasheet HTML 49Page - NXP Semiconductors TDA9874H Datasheet HTML 50Page - NXP Semiconductors TDA9874H Datasheet HTML 51Page - NXP Semiconductors TDA9874H Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
1998 Apr 27
48
Philips Semiconductors
Preliminary specification
Digital TV sound demodulator/decoder
TDA9874H
Analog audio outputs
Vo(clip)(rms)
clipping level output voltage
(RMS value)
THD < 3%
1400
−−
mV
Ro
output resistance
150
250
375
RL(AC)
AC load resistor
10
−−
k
RL(DC)
DC load resistor
10
−−
k
Co(L)
output load capacitor
10
12
nF
Voffset(DC)
static DC offset voltage
30
70
mV
α
mute
mute suppression
nominal input signal from any
source; fi = 1 kHz; note 2
80
−−
dB
Bline
bandwidth
from external and mono
source;
−3 dB bandwidth
20
−−
kHz
Gro
roll-off gain at 14.5 kHz
from any source
−3
−2
dB
PSRR
power supply ripple rejection
fripple = 70 Hz;
Vripple = 100 mV (peak);
CVref =47 µF; signal from I2S
40
45
dB
Audio performance
THD + N
total harmonic distortion + noise Vin/out = 1 V (RMS); fi = 1 kHz;
bandwidth 20 Hz to 20 kHz;
from external/mono input to
output copy
0.1
0.3
%
S/N
signal-to-noise ratio
reference voltage
V0 = 1.4 V (RMS); fi = 1 kHz;
“CCIR468”; quasi peak; from
external/mono input to output
copy
78
90
dB
α
ct
crosstalk attenuation
between any analog input
pairs; fi = 1 kHz
70
−−
dB
αcs
channel separation
between left and right of
external input pair
65
−−
dB
between left and right of output
pair
60
−−
dB
VCXO and clock generation
VCXO
Crystal input
Ci
input capacitance
−−
10
pF
Vbias(DC)
DC bias voltage
Ri = 100 kΩ
3.5
3.63
3.7
V
Crystal output
Vosc(p-p)
oscillation amplitude
(peak-to-peak value)
1.4
V
Vbias(DC)
DC bias voltage
2.3
2.53
2.8
V
Gm
mutual conductance at
24.576 MHz
16.6
17.6
18.8
mS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com