công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9874H bảng dữ liệu(PDF) 28 Page - NXP Semiconductors

tên linh kiện TDA9874H
Giải thích chi tiết về linh kiện  Digital TV sound demodulator/decoder
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9874H bảng dữ liệu(HTML) 28 Page - NXP Semiconductors

Back Button TDA9874H Datasheet HTML 24Page - NXP Semiconductors TDA9874H Datasheet HTML 25Page - NXP Semiconductors TDA9874H Datasheet HTML 26Page - NXP Semiconductors TDA9874H Datasheet HTML 27Page - NXP Semiconductors TDA9874H Datasheet HTML 28Page - NXP Semiconductors TDA9874H Datasheet HTML 29Page - NXP Semiconductors TDA9874H Datasheet HTML 30Page - NXP Semiconductors TDA9874H Datasheet HTML 31Page - NXP Semiconductors TDA9874H Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
1998 Apr 27
28
Philips Semiconductors
Preliminary specification
Digital TV sound demodulator/decoder
TDA9874H
7.3.11
NICAM CONFIGURATION REGISTER (NCONR)
The default setting at power-up is 00000000.
Table 34 NICAM Configuration Register (subaddress 14)
Table 35 Description of NCONR bits
7.3.11.1
Notes
The decision of whether auto-muting is permitted shall be taken by the controlling microprocessor based on information
contained in the TDA9874H’s status registers. Thus, it depends on the strategy implemented in the software whether the
auto-mute function is in accordance with
“NICAM 728 ETS Revised for Data Applications” or any other preference.
The NICAM de-emphasis gain is 0 dB at 40 Hz.
The AMSEL bit has only an effect on the analog sound outputs (OUTL and OUTR). With regard to the digital sound
output (I2S), the auto-mute will only switch between NICAM and the first sound carrier.
When carrier 2 is in FM mode, the TIMPOL bit should be set HIGH, to achieve the best S/N performance with the current
oscillator application proposal (see Chapter 9).
76543210
−−
TIMPOL
DOUTEN
AMSEL
NDEEM
AMUTE
BIT
SYMBOL
DESCRIPTION
7
These 2 bits are not used and should be set to logic 0.
6
5
TIMPOL
Timing loop polarity. TIMPOL = 1, inverts the polarity. This feature can be used to
compensate for the phase shift that is introduced by an external inverting amplifier at
the pin Vtune. Such an amplifier could be used to provide a larger tuning voltage swing
for the VCXO. TIMPOL = 0, sets the NICAM timing loop to normal polarity.
4
DOUTEN
Data output enable. DOUTEN = 1, enables the output of the NICAM serial data stream
from the DQPSK demodulator and of the associated clock, PCLK. DOUTEN = 0, both
outputs will be 3-stated.
3
This bit is not used and should be set to logic 0.
2
AMSEL
Auto-mute select. AMSEL = 1, the auto-mute will switch between NICAM sound and
the analog mono input. This bit has only an effect when the auto-mute function is
enabled and when the DAC has been selected in the Analog Output Select Register
(see Section 7.3.17). AMSEL = 0, the auto-mute will switch between NICAM sound and
the sound on the first sound carrier (i.e. FM mono or AM).
1
NDEEM
De-emphasis on/off. NDEEM = 1, switches the NICAM J17 de-emphasis off.
NDEEM = 0, switches the NICAM J17 de-emphasis on.
0
AMUTE
Auto-muting on/off. AMUTE = 1, automatic muting is disabled. This bit has only an
effect, when the second sound carrier is set to NICAM. AMUTE = 0, enables the
automatic switching between NICAM and the program on the first sound carrier (i.e. FM
mono or AM), dependent on the NICAM bit error rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com