công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9874H bảng dữ liệu(PDF) 47 Page - NXP Semiconductors

tên linh kiện TDA9874H
Giải thích chi tiết về linh kiện  Digital TV sound demodulator/decoder
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9874H bảng dữ liệu(HTML) 47 Page - NXP Semiconductors

Back Button TDA9874H Datasheet HTML 43Page - NXP Semiconductors TDA9874H Datasheet HTML 44Page - NXP Semiconductors TDA9874H Datasheet HTML 45Page - NXP Semiconductors TDA9874H Datasheet HTML 46Page - NXP Semiconductors TDA9874H Datasheet HTML 47Page - NXP Semiconductors TDA9874H Datasheet HTML 48Page - NXP Semiconductors TDA9874H Datasheet HTML 49Page - NXP Semiconductors TDA9874H Datasheet HTML 50Page - NXP Semiconductors TDA9874H Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
1998 Apr 27
47
Philips Semiconductors
Preliminary specification
Digital TV sound demodulator/decoder
TDA9874H
B(−3dB)
−3 dB bandwidth
from FM source to any output
14.5
15
kHz
from NICAM source to any
output
14.5
15
kHz
fresp
frequency response
20 Hz to 14 kHz
from FM/NICAM to any output;
reference 1 kHz
−2
+1
dB
α
cd(dual)
dual signal channel separation
note 6
65
70
dB
α
cs(stereo)
stereo channel separation
note 7
40
45
dB
αAM
AM suppression for FM
AM: 1 kHz, 30% modulation;
reference: 1 kHz, 50 kHz
deviation
50
−−
dB
dmAM
AM demodulation
SIF level 100 mV (RMS); 54%
AM; 1 kHz AF;
“CCIR468”;
quasi peak
36
dB
IDENTIFICATION FOR FM SYSTEMS
mpilot(ident)
pilot modulation for identification
25
50
75
%
C/Npilot(ident)
pilot sideband C/N for
identification start
32
hys(tun)
hysteresis
−−
2dB
fident
identification window
B/G stereo
slow mode
116.85
118.12 Hz
medium mode
116.11
118.89 Hz
fast mode
114.65
120.46 Hz
B/G dual
slow mode
273.44
274.81 Hz
medium mode
272.07
276.20 Hz
fast mode
270.73
277.60 Hz
ton(ident)
total identification time on
slow mode
−−
2s
medium mode
−−
1s
fast mode
−−
0.5
s
toff(ident)
total identification time off
slow mode
−−
2s
medium mode
−−
1s
fast mode
−−
0.5
s
Mono and external inputs
Vi(nom)(rms)
nominal level input voltage
(RMS value)
note 2
500
mV
Vi(cl)(rms)
clipping level input voltage
(RMS value)
THD < 3%; note 3
1250
1400
mV
Ri
input resistance
note 3
28
35
42
k
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
dB
Hz
-------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com