công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9874H bảng dữ liệu(PDF) 24 Page - NXP Semiconductors

tên linh kiện TDA9874H
Giải thích chi tiết về linh kiện  Digital TV sound demodulator/decoder
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9874H bảng dữ liệu(HTML) 24 Page - NXP Semiconductors

Back Button TDA9874H Datasheet HTML 20Page - NXP Semiconductors TDA9874H Datasheet HTML 21Page - NXP Semiconductors TDA9874H Datasheet HTML 22Page - NXP Semiconductors TDA9874H Datasheet HTML 23Page - NXP Semiconductors TDA9874H Datasheet HTML 24Page - NXP Semiconductors TDA9874H Datasheet HTML 25Page - NXP Semiconductors TDA9874H Datasheet HTML 26Page - NXP Semiconductors TDA9874H Datasheet HTML 27Page - NXP Semiconductors TDA9874H Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
1998 Apr 27
24
Philips Semiconductors
Preliminary specification
Digital TV sound demodulator/decoder
TDA9874H
Changing the FM identification mode during FM reception may cause a brief flickering of bit IDSTE or IDDUA in the
Device Status Register (see Section 7.4.1).
When Channel 2 is used to receive FM sound carriers with the current application proposal (see Chapter 9), it is
recommended to set the TIMPOL bit HIGH (write subaddress 14; see Section 7.3.11) for best S/N performance.
7.3.7
FM DE-EMPHASIS REGISTER (FMDR)
This register is used to select the proper de-emphasis characteristics as appropriate for the standard of the received
carrier. Bits B3 to B0 apply to sound carrier 1, bits B7 to B4 apply to sound carrier 2. In the event of A2 reception, both
groups must be set to the same characteristics.
The default setting at power-up is 10001000.
Table 26 FM De-emphasis Register (subaddress 10)
Table 27 Description of FMDR bits
Table 28 De-emphasis
Note
1. The FM de-emphasis gain is 0 dB at 40 Hz.
76543210
ADEEM2
FMDSC23
FMDSC22
FMDSC21
ADEEM1
FMDSC13
FMDSC12
FMDSC11
BIT
SYMBOL
DESCRIPTION
7
ADEEM2
Adaptive de-emphasis on/off. ADEEM2 = 1, activates the adaptive de-emphasis
function (for Wegener-Panda 1 encoded programs), which is required for certain
satellite FM channels. The standard FM de-emphasis must then be set to 75
µs.
ADEEM2 = 0, the adaptive de-emphasis is off.
6
FMDSC23
FM de-emphasis. The state of these 3 bits determine the FM de-emphasis for sound
carrier 2; see Table 28.
5
FMDSC22
4
FMDSC21
3
ADEEM1
Adaptive de-emphasis on/off. ADEEM1 = 1, activates the adaptive de-emphasis
function (for Wegener-Panda 1 encoded programs), which is required for certain
satellite FM channels. The standard FM de-emphasis must then be set to 75
µs.
ADEEM1 = 0, the adaptive de-emphasis is off.
2
FMDSC13
FM de-emphasis. The state of these 3 bits determine the FM de-emphasis for sound
carrier 1; see Table 28.
1
FMDSC12
0
FMDSC11
FMDSC23
FMDSC22
FMDSC21
DE-EMPHASIS(1)
FMDSC13
FMDSC12
FMDSC11
000
50
µs
001
60
µs
010
75
µs
011
J17
100
off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com