| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA9874H bảng dữ liệu(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA9874H bảng dữ liệu(HTML) 40 Page - NXP Semiconductors |
|
40 / 56 page ![]() 1998 Apr 27 40 Philips Semiconductors Preliminary specification Digital TV sound demodulator/decoder TDA9874H 7.4.5 LEVEL READ-OUT REGISTERS (LRRA AND LRRB) These two bytes constitute a word that provides data from a location that has been specified with the FM Monitor Select Register (see Section 7.3.3). The most significant byte of the data is stored at subaddress 5. Table 68 Level Read-out Register A (subaddress 5) Note 1. B7 is the most significant bit or sign bit of the word. Table 69 Level Read-out Register B (subaddress 6) Note 1. B0 is the least significant bit of the word. 7.4.6 SIF LEVEL REGISTER (SIFLR) When the SIF AGC is on, bits B4 to B0 of this register contain a number that gives an indication of the SIF input level. That number can be interpreted in the same way as the AGC Gain Register setting (see Section 7.3.1), i.e. if the SIF AGC were set to a fixed gain and the same number loaded into the AGC Gain Register, the current SIF input signal level would generate an SIF ADC output close to full-scale. When the SIF AGC is off, this register returns the contents of the AGC Gain Register. Bits B5 to B7 are not used and are undefined. Table 70 SIF Level Register (subaddress 7) Note 1. Value is undefined. 7.4.7 TEST REGISTER 2 (TR2) This register contains as a binary number the highest subaddress used for slave receiver registers. The first version will have the identification 00101111. 76543210 B7(1) B6 B5 B4 B3 B2 B1 B0 76543210 B7 B6 B5 B4 B3 B2 B1 B0(1) 76543210 −(1) −(1) −(1) B4 B3 B2 B1 B0 Table 71 Test Register 2 (subaddress 252) 7.4.8 TEST REGISTER 1 (TR1) This register contains as a binary number the highest subaddress used for slave transmitter (status) registers. The first version will have the identification 00101111. Table 72 Test Register 1 (subaddress 253) 7.4.9 DEVICE IDENTIFICATION CODE (DIC) There will be several devices in the digital TV sound processor family, with TDA9874H being the second member. This byte is used to identify the individual family members. The first version will have the identification 00000111. Table 73 Device Identification Code (subaddress 254) 7.4.10 SOFTWARE IDENTIFICATION CODE (SIC) It is likely that during the life time of this family of devices several versions of the DSP software will be made, e.g. to take care of new application concepts, respond to customer wishes, etc. This byte is used to identify the different releases. The first version will have the identification 00000111. Table 74 Software Identification Code (subaddress 255) 76543210 B7 B6 B5 B4 B3 B2 B1 B0 76543210 B7 B6 B5 B4 B3 B2 B1 B0 76543210 B7 B6 B5 B4 B3 B2 B1 B0 76543210 B7 B6 B5 B4 B3 B2 B1 B0 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |