công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX7DCEC bảng dữ liệu(PDF) 141 Page - NXP Semiconductors

tên linh kiện IMX7DCEC
Giải thích chi tiết về linh kiện  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC bảng dữ liệu(HTML) 141 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 137Page - NXP Semiconductors IMX7DCEC Datasheet HTML 138Page - NXP Semiconductors IMX7DCEC Datasheet HTML 139Page - NXP Semiconductors IMX7DCEC Datasheet HTML 140Page - NXP Semiconductors IMX7DCEC Datasheet HTML 141Page - NXP Semiconductors IMX7DCEC Datasheet HTML 142Page - NXP Semiconductors IMX7DCEC Datasheet HTML 143Page - NXP Semiconductors IMX7DCEC Datasheet HTML 144Page - NXP Semiconductors IMX7DCEC Datasheet HTML 145Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 161 page
background image
Package information and contact assignments
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
141
NVCC_SD2
H08
Supply for SD card interface
NVCC_SD3
K08
Supply for SD card interface
NVCC_SPI
L09
Supply for SPI interface
NVCC_UART
N09
Supply for UART interface
PCIE_VP
AA10
Supply for PCIe' interface
PCIE_VP_RX
AA12
Supply for PCIe PHY
PCIE_VP_TX
AA11
Supply for PCIe PHY
PCIE_VPH
Y10
PCIE_VPH_RX
Y12
PCIE_VPH_TX
Y11
PVCC_ENET_CAP
H14
Secondary supply for ENET (internal regulator
output). Requires external capacitors
PVCC_EPDC_LCD_CAP
N17
Secondary supply for EPDC_LCD (internal
regulator output). Requires external capacitors
PVCC_GPIO_CAP
V10
Secondary supply for GPIO (internal regulator
output). Requires external capacitors
PVCC_I2C_SPI_UART_CAP R09
Secondary supply for I2C_SPI_UART (internal
regulator output). Requires external capacitors
PVCC_SAI_SD_CAP
J09
Secondary supply for SAI_SD (internal
regulator output). Requires external capacitors
USB_OTG1_VBUS
C08
USB_OTG1_VDDA_3P3_IN F10
USB_OTG2_VBUS
C10
USB_OTG2_VDDA_3P3_IN F09
VDD_1P2_CAP
U09
Supply for HSIC
VDD_ARM
C17,C20,D17,D20,F22,F23,J22,J23
Supply for Arm
VDD_LPSR_1P0_CAP
AC05
Secondary supply for LPSR (internal regulator
output). Requires external capacitors
VDD_LPSR_IN
W06
Supply for LPSR
VDD_SNVS_1P8_CAP
AE08
Secondary supply for SNVS (internal regulator
output). Requires external capacitors
VDD_SNVS_IN
AD08
Primary supply for the SNVS regulator
VDD_SOC
C14,D14,F03,F04,F18,F19,J03,J04,M03,M04,
P18,R03,R04,R17,T18,U13,U15,U17,V12,V1
4,V16,V18
Supply for SOC
VDD_TEMPSENSOR_1P8
AC04
Supply for VDDe PHY
Table 101. i.MX 7Dual 19 x 19 mm supplies contact assignments(continued)
Rail
Pins
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More