| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IMX7DCEC bảng dữ liệu(PDF) 94 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7DCEC bảng dữ liệu(HTML) 94 Page - NXP Semiconductors |
|
94 / 161 page ![]() Electrical characteristics i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023 NXP Semiconductors 94 Figure 56. RGMII transmit signal timing diagram original Figure 57. RGMII receive signal timing diagram original Figure 58. RGMII receive signal timing diagram with internal delay 4.10.4 Flexible controller area network (flexcan) ac electrical specifications The Flexible Controller Area Network (FlexCAN) module is a communication controller implementing the CAN protocol according to the CAN 2.0 B protocol specification. The processor has two CAN modules available for systems design. Tx and Rx ports for both modules are multiplexed with other I/O pins. See the IOMUXC chapter of the i.MX 7Dual Application Processor Reference Manual (IMX7DRM) to see which pins expose Tx and Rx pins; these ports are named FLEXCAN_TX and FLEXCAN_RX, respectively. |