| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATAM862 bảng dữ liệu(PDF) 61 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATAM862 bảng dữ liệu(HTML) 61 Page - ATMEL Corporation |
|
61 / 110 page ![]() 61 4554E–4BMCU–05/06 ATAM862-3 Figure 23-4. Counter Reset with Compare Register 2 and Toggle with Start Figure 23-5. Single Action of Compare Register 1 23.2.2 Timer 3 – Mode 2: Timer/Counter, External Trigger Restart and External Capture (with T3I Input) The counter is driven by an internal clock source. After starting with T3R, the first edge from the external input T3I starts the counter. The following edges at T3I load the current counter value into the capture register, reset the counter and restart it. The edge can be selected by the pro- grammable edge decoder of the timer input stage. If single-action mode is activated for one or both compare registers the trigger signal restarts the single action. Figure 23-6. Externally Triggered Counter Reset and Start Combined with Single-action Mode 4 0 0 0123 5 6 7 4 01 2 3 56 T3R Counter 3 CM31 INT5 T3O Toggle by start T3O 89 CL3 CM32 0 012 345 6 7 8 9 10 0 1 2 Counter 3 CM31 CM32 T3O 01 20 12 0 120 1 201 2 0 1 201 2 0 120 1 Toggle by start T3R 0 0000000123456 Counter 3 T3EX CM31 CM32 7 8 9 10 0 12 X X X 0 1 23 4 5 6 7 89 10 01 2 X X T3R XX T3O |