công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATAM862 bảng dữ liệu(PDF) 44 Page - ATMEL Corporation

tên linh kiện ATAM862
Giải thích chi tiết về linh kiện  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 bảng dữ liệu(HTML) 44 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 40Page - ATMEL Corporation ATAM862 Datasheet HTML 41Page - ATMEL Corporation ATAM862 Datasheet HTML 42Page - ATMEL Corporation ATAM862 Datasheet HTML 43Page - ATMEL Corporation ATAM862 Datasheet HTML 44Page - ATMEL Corporation ATAM862 Datasheet HTML 45Page - ATMEL Corporation ATAM862 Datasheet HTML 46Page - ATMEL Corporation ATAM862 Datasheet HTML 47Page - ATMEL Corporation ATAM862 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 110 page
background image
44
4554E–4BMCU–05/06
ATAM862-3
This timer starts running automatically after any power-on reset! If the watchdog function is not
activated, the timer can be restarted by writing into the T1C1 register with T1RM = 1.
Timer 1 can also be used as a watchdog timer to prevent a system from stalling. The watchdog
timer is a 3-bit counter that is supplied by a separate output of Timer 1. It generates a system
reset when the 3-bit counter overflows. To avoid this, the 3-bit counter must be reset before it
overflows. The application software has to accomplish this by reading the CWD register.
After power-on reset the watchdog must be activated by software in the $RESET initialization
routine. There are two watchdog modes, in one mode the watchdog can be switched on and off
by software, in the other mode the watchdog is active and locked. This mode can only be
stopped by carrying out a system reset.
The watchdog timer operation mode and the time interval for the watchdog reset can be pro-
grammed via the watchdog control register (WDC).
Figure 22-7. Timer 1 Module
Figure 22-8. Timer 1 and Watchdog
Prescaler
14 bit
CL1
Watchdog
4 bit
MUX
WDCL
T1IM
T1BP
T1MUX
NRST
INT2
T1OUT
T1CS
SYSCL
SUBCL
Q5
Q1 Q2
Q3 Q4
Q6
Q8
Q8
Q11
Q11
Q14
Q14
RES
CL
Decoder
Watchdog
mode control
MUX for interval timer
Decoder
MUX for watchdog timer
T1RM T1C2
T1C1
T1C0
3
2
WDL
WDR WDT1 WDT0
WDC
RES
T1MUX
SUBCL
T1BP T1IM
T1IM=0
T1IM=1
INT2
T1OUT
T1C2
RESET
(NRST)
Watchdog
Divider / 8
Divider
RESET
T1C1
Write of the
T1C1 register
CL1
WDCL
Read of the
CWD register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com