công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATAM862 bảng dữ liệu(PDF) 91 Page - ATMEL Corporation

tên linh kiện ATAM862
Giải thích chi tiết về linh kiện  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 bảng dữ liệu(HTML) 91 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 87Page - ATMEL Corporation ATAM862 Datasheet HTML 88Page - ATMEL Corporation ATAM862 Datasheet HTML 89Page - ATMEL Corporation ATAM862 Datasheet HTML 90Page - ATMEL Corporation ATAM862 Datasheet HTML 91Page - ATMEL Corporation ATAM862 Datasheet HTML 92Page - ATMEL Corporation ATAM862 Datasheet HTML 93Page - ATMEL Corporation ATAM862 Datasheet HTML 94Page - ATMEL Corporation ATAM862 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
91
4554E–4BMCU–05/06
ATAM862-3
24.3
Combination Mode Timer 2 and Timer 3
Figure 24-12. Combination Timer 3 and Timer 2
24.3.1
Combination Mode 10: Frequency Measurement or Event Counter with Time Gate
Timer 2 mode 1/2:
12-bit compare counter/8-bit compare counter and
4-bit prescaler
Timer 2 output mode 1/6:
Timer 2 compare match toggles (TOG2) to the Timer 3
Timer 3 mode 3:
Timer/Counter; internal trigger restart and internal capture
(with Timer 2 TOG2-signal)
The counter is driven by an external (T3I) clock source. The output signal (TOG2) of Timer 2
resets the counter. The counter value before reset is saved in the capture register. If sin-
gle-action mode is activated for one or both compare registers, the trigger signal restarts also
the single actions. This mode can be used for frequency measurements or as event counter with
time gate.
8-bit counter 3
RES
Compare 3/1
T3CO1
T3CP
T3CO2
Timer 3 - control
T3O
CL3
T3I
T3EX
SYSCL
T1OUT
POUT
I/O-bus
Compare 3/2
T3CM1
T3CM2
T3C
T3ST
Modulator 3
Demodu-
lator 3
Control
SO
TOG3
INT5
RES
CM31
T3I
T3EX
TOG2
SI
SCI
SSI
CP3
4-bit counter 2/1
RES
OVF1
Compare 2/1
T2CO1
CM1
POUT
SSI
CL2/2
DCG
T2M1
P4CR
8-bit counter 2/2
RES
OVF2
Compare 2/2
T2CO2
T2CM
TOG2
INT4
Biphase-,
Manchester-
modulator
OUTPUT
MOUT
M2
T2O
Timer 2
modulator 2
output-stage
T2M2
Control
(RE, FE, SCO, OMSK)
SSI
T2C
CL2/1
TOG3
SYSCL
T1OUT
SCL
Timer 2 - control
M2
T3CS
T3M
POUT
DCGO
SO
T2I
I/O-bus
I/O-bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com