công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T89C51RC2-3CSIM bảng dữ liệu(PDF) 26 Page - ATMEL Corporation

tên linh kiện T89C51RC2-3CSIM
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-3CSIM bảng dữ liệu(HTML) 26 Page - ATMEL Corporation

Back Button T89C51RC2-3CSIM Datasheet HTML 22Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 23Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 24Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 25Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 26Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 27Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 28Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 29Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 117 page
background image
26
T89C51RB2/RC2
4105D–8051–10/06
Programmable
Counter Array PCA
The PCA provides more timing capabilities with less CPU intervention than the standard
timer/counters. Its advantages include reduced software overhead and improved accu-
racy. The PCA consists of a dedicated timer/counter which serves as the time base for
an array of five compare/capture modules. Its clock input can be programmed to count
any one of the following signals:
•
Peripheral clock frequency (F
CLK PERIPH)
÷ 6
•
Peripheral clock frequency (FCLK PERIPH)
÷ 2
•
Timer 0 overflow
•
External input on ECI (P1.2)
Each compare/capture modules can be programmed in any one of the following modes:
•
rising and/or falling edge capture
•
software timer
•
high-speed output
•
pulse width modulator
Module 4 can also be programmed as a watchdog timer (See Section "PCA Watchdog
Timer", page 37).
When the compare/capture modules are programmed in the capture mode, software
timer, or high speed output mode, an interrupt can be generated when the module exe-
cutes its function. All five modules plus the PCA timer overflow share one interrupt
vector.
The PCA timer/counter and compare/capture modules share Port 1 for external I/O.
These pins are listed below. If the port is not used for the PCA, it can still be used for
standard I/O.
The PCA timer is a common time base for all five modules (See Figure 10). The timer
count source is determined from the CPS1 and CPS0 bits in the CMOD register
(Table 13) and can be programmed to run at:
•
1/6 the
peripheral clock frequency (F
CLK PERIPH)
•
1/2 the
peripheral clock frequency (FCLK PERIPH)
•
The Timer 0 overflow
•
The input on the ECI pin (P1.2)
PCA component
External I/O Pin
16-bit Counter
P1.2 / ECI
16-bit Module 0
P1.3 / CEX0
16-bit Module 1
P1.4 / CEX1
16-bit Module 2
P1.5 / CEX2
16-bit Module 3
P1.6 / CEX3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com