công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T89C51RC2-3CSIM bảng dữ liệu(PDF) 69 Page - ATMEL Corporation

tên linh kiện T89C51RC2-3CSIM
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-3CSIM bảng dữ liệu(HTML) 69 Page - ATMEL Corporation

Back Button T89C51RC2-3CSIM Datasheet HTML 65Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 66Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 67Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 68Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 69Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 70Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 71Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 72Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 117 page
background image
69
T89C51RB2/RC2
4105D–8051–10/06
Figure 30. SPI Interrupt Requests Generation
Registers
There are three registers in the module that provide control, status and data storage functions. These registers
are describes in the following paragraphs.
Serial Peripheral Control
register (SPCON)
•
The Serial Peripheral Control Register does the following:
•
Selects one of the Master clock rates,
•
Configure the SPI module as Master or Slave,
•
Selects serial clock polarity and phase,
•
Enables the SPI module,
•
Frees the SS pin for a general purpose
Table 47 describes this register and explains the use of each bit.
Table 47. SPCON Register
SPCON - Serial Peripheral Control Register (0C3H)
SSDIS
MODF
CPU Interrupt Request
SPI Receiver/error
CPU Interrupt Request
SPI Transmitter
SPI
CPU Interrupt Request
SPIF
76
54
32
1
0
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
Bit Number
Bit Mnemonic
Description
7
SPR2
Serial Peripheral Rate 2
Bit with SPR1 and SPR0 define the clock rate.
6
SPEN
Serial Peripheral Enable
Cleared to disable the SPI interface.
Set to enable the SPI interface.
5SSDIS
SS Disable
Cleared to enable SS# in both Master and Slave modes.
Set to disable SS# in both Master and Slave modes. In Slave mode,
this bit has no effect if CPHA =’0’.
5MSTR
Serial Peripheral Master
Cleared to configure the SPI as a Slave.
Set to configure the SPI as a Master.
4CPOL
Clock Polarity
Cleared to have the SCK set to’0’ in idle state.
Set to have the SCK set to’1’ in idle low.
3CPHA
Clock Phase
Cleared to have the data sampled when the SCK leaves the idle
state (see CPOL).
Set to have the data sampled when the SCK returns to idle state (see
CPOL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com